Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3201IGV-2.3-T1 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3201IGV-2.3-T1
Description  150mA OmniPower??LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3201IGV-2.3-T1 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3201IGV-2.3-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3201IGV-2.3-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Descriptions
Pin Configuration
SOT23-5
(Top View)
GND
OUT
NC
EN
IN
1
2
3
4
5
Pin #
Symbol
Function
1
IN
Input pin.
2
GND
Ground connection pin.
3
EN
Enable pin; when pulled low, the PMOS pass transistor turns off and all
internal circuitry enters low-power mode, consuming less than 1µA.
4
NC
Not connected.
5
OUT
Output pin; should be decoupled with 1µF or greater capacitor.
AAT3201
150mA OmniPower™ LDO Linear Regulator
2
3201.2006.01.1.2


Similar Part No. - AAT3201IGV-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3201IGV-2.3-T1 ANALOGICTECH-AAT3201IGV-2.3-T1 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3201IGV-2.3-T1 ANALOGICTECH-AAT3201IGV-2.3-T1 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
More results

Similar Description - AAT3201IGV-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3200 ANALOGICTECH-AAT3200 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3200 ANALOGICTECH-AAT3200_06 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com