Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3220IGY-2.3-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3220IGY-2.3-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3220IGY-2.3-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3220IGY-2.3-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3220IGY-2.3-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
At any given ambient temperature (T
A), the maxi-
mum package power dissipation can be deter-
mined by the following equation:
Constants for the AAT3220 are T
J(MAX), the maxi-
mum junction temperature for the device which is
125°C and
Θ
JA
= 200°C/W, the package thermal
resistance. Typically, maximum conditions are cal-
culated at the maximum operating temperature
where T
A = 85°C; under normal ambient conditions
T
A = 25°C.
Given T
A = 85°C, the maximum pack-
age power dissipation is 200mW. At T
A = 25°C, the
maximum package power dissipation is 500mW.
The maximum continuous output current for the
AAT3220 is a function of the package power dissi-
pation and the input-to-output voltage drop across
the LDO regulator. Refer to the following simple
equation:
For example, if V
IN = 5V, VOUT = 3V and TA = 25°C,
I
OUT(MAX) < 250mA. The output short-circuit protec-
tion threshold is set between 150mA and 300mA. If
the output load current were to exceed 250mA or if
the ambient temperature were to increase, the inter-
nal die temperature would increase. If the condition
remained constant and the short-circuit protection
did not activate, there would be a potential damage
hazard to the LDO regulator since the thermal pro-
tection circuit will only activate after a short-circuit
event occurs on the LDO regulator output.
To determine the maximum input voltage for a
given load current, refer to the following equation.
This calculation accounts for the total power dissi-
pation of the LDO regulator, including that caused
by ground current.
This formula can be solved for V
IN to determine the
maximum input voltage.
The following is an example for an AAT3220 set for
a 3.0V output:
From the discussion above, P
D(MAX) was deter-
mined to equal 417mW at T
A = 25°C.
Thus, the AAT3220 can sustain a constant 3.0V
output at a 150mA load current as long as V
IN is ≤
5.5V at an ambient temperature of 25°C. 5.5V is
the maximum input operating voltage for the
AAT3220, thus at 25°C, the device would not have
any thermal concerns or operational V
IN(MAX) limits.
This situation can be different at 85°C. The follow-
ing is an example for an AAT3220 set for a 3.0V
output at 85°C:
VIN(MAX) =
VOUT
= 3.0V
IOUT
= 150mA
IGND
= 1.1µA
VIN(MAX) = 4.33V
200mW + (3.0V × 150mA)
150mA + 1.1µA
VIN(MAX) =
VOUT
= 3.0V
IOUT
= 150mA
IGND
= 1.1µA
VIN(MAX) = > 5.5V
500mW + (3.0V × 150mA)
150mA + 1.1µA
VIN(MAX) =
PD(MAX) + (VOUT × IOUT)
IOUT + IGND
PD(MAX) = (VIN - VOUT)IOUT + (VIN × IGND)
IOUT(MAX) <
PD(MAX)
VIN - VOUT
PD(MAX) =
TJ(MAX) - TA
θJA
AAT3220
150mA NanoPower™ LDO Linear Regulator
3220.2006.01.1.4
11


Similar Part No. - AAT3220IGY-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220IGY-2.3-T1 ANALOGICTECH-AAT3220IGY-2.3-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3220IGY-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com