Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3216IGV-2.8-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3216IGV-2.8-T1
Description  150mA MicroPower??LDO with PowerOK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3216IGV-2.8-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3216IGV-2.8-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3216IGV-2.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
V
IN = VOUT(NOM) + 1V for VOUT options greater than 1.5V. VIN = 2.5 for VOUT ≤ 1.5V. IOUT = 1mA, COUT = 2.2µF,
C
IN = 1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min Typ Max
Units
V
OUT
Output Voltage Tolerance
I
OUT = 1mA to 150mA
T
A = 25°C
-1.5
1.5
%
T
A = -40 to 85°C -2.5
2.5
I
OUT
Output Current
V
OUT > 1.2V
150
mA
V
DO
Dropout Voltage
1, 2
I
OUT = 150mA
200
300
mV
I
SC
Short-Circuit Current
V
OUT < 0.4V
600
mA
I
Q
Ground Current
V
IN = 5V, No Load, EN = VIN
70
125
µA
I
SD
Shutdown Current
V
IN = 5V, EN = 0V
1
µA
∆V
OUT/
Line Regulation
3
V
IN = VOUT + 1 to 5.0V
0.09
%/V
V
OUT*∆VIN
∆V
OUT(line)
Dynamic Line Regulation
V
IN = VOUT + 1V to VOUT + 2V,
5mV
I
OUT = 150mA, TR/TF = 2µs
∆V
OUT(load)
Dynamic Load Regulation
I
OUT = 1mA to 150mA, TR<5µs
30
mV
V
EN(L)
Enable Threshold Low
0.6
V
V
EN(H)
Enable Threshold High
1.5
V
I
EN
Leakage Current on Enable Pin
V
EN = 5V
1
µA
V
POK
POK Trip Threshold
V
OUT Rising, TA = 25°C
90
94
98
% of V
OUT
V
POKHYS
POK Hysteresis
1
% of V
OUT
V
POK(OL)
POK Output Voltage Low
I
SINK = 1mA
0.4
V
I
POK
POK Output Leakage Current
V
POK < 5.5V, VOUT in Regulation
1
µA
1kHz
65
PSRR
Power Supply Rejection Ratio
I
OUT = 10mA
10kHz
45
dB
1MHz
42
T
SD
Over-Temperature Shutdown
145
°C
Threshold
T
HYS
Over-Temperature Shutdown
12
°C
Hysteresis
e
N
Output Noise
250
µVrms
TC
Output Voltage Temperature
22
ppm/°C
Coefficient
AAT3216
150mA MicroPower™ LDO with PowerOK
4
3216.2006.01.1.3
1. V
DO is defined as VIN - VOUT when VOUT is 98% of nominal.
2. For V
OUT < 2.3V, VDO = 2.5V - VOUT.
3. C
IN = 10µF.


Similar Part No. - AAT3216IGV-2.8-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216IGV-2.8-T1 ETC-AAT3216IGV-2.8-T1 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
More results

Similar Description - AAT3216IGV-2.8-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3237 ANALOGICTECH-AAT3237 Datasheet
161Kb / 13P
   300mA MicroPower??LDO with PowerOK
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306 Datasheet
252Kb / 8P
   150mA Micropower Cap Baseband LDO
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com