Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3258 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT3258
Description  300mA LDO Linear Regulator with uP Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT3258 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Characteristics
Unless otherwise noted, V
IN = 5V, TA = 25°C.
Load Transient Response 300mA
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
Time (10µs/div)
-100
0
100
200
300
400
500
600
700
800
VOUT
IOUT
Load Transient Response
2.60
2.65
2.70
2.75
2.80
2.85
2.90
Time (100µs/div)
-100
0
100
200
300
400
500
VOUT
IOUT
Line Transient Response
2.98
2.99
3.00
3.01
3.02
3.03
3.04
Time (100µs/div)
0
1
2
3
4
5
6
VIN
VOUT
Turn-On Time From Enable (VIN present)
(CBYP = 10nF)
Time (5µs/div)
VIN = 4V
VOUT = 1V/div
VSHDN (5V/div)
Turn-Off Response Time
(CBYP = 10nF)
Time (50µs/div)
VOUT (1V/div)
VSHDN (5V/div)
Initial Power-Up Response Time
(CBYP = 10nF)
Time (400µs/div)
VSHDN (5V/div)
VOUT (1V/div)
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2006.03.1.6
7


Similar Part No. - AAT3258

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258 ANALOGICTECH-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
AAT3258ITS-2.8-R-T1 ANALOGICTECH-AAT3258ITS-2.8-R-T1 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258ITS-2.8-R-T1 ANALOGICTECH-AAT3258ITS-2.8-R-T1 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
AAT3258ITS-2.8-Y-T1 ANALOGICTECH-AAT3258ITS-2.8-Y-T1 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
More results

Similar Description - AAT3258

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
   Low-Dropout, 300mA Linear Regulator with Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com