Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3215IJS-2.7-T1 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3215IJS-2.7-T1
Description  150mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3215IJS-2.7-T1 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3215IJS-2.7-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3215IJS-2.7-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings1
TA = 25°C, unless otherwise noted.
Thermal Information2
Recommended Operating Conditions
Symbol
Description
Rating
Units
VIN
Input Voltage
(VOUT + 0.3) to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Rating
Units
ΘJA
Maximum Thermal Resistance (SOT23-5, SC70JW-8)
190
°C/W
PD
Maximum Power Dissipation (SOT23-5, SC70JW-8)
526
mW
Symbol
Description
Value
Units
VIN
Input Voltage
6
V
VENIN(MAX)
Maximum EN to Input Voltage
0.3
V
IOUT
DC Output Current
PD/(VIN-VO)mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
AAT3215
150mA CMOS High Performance LDO
3215.2006.05.1.6
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.


Similar Part No. - AAT3215IJS-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215IJS-2.7-T1 ANALOGICTECH-AAT3215IJS-2.7-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
More results

Similar Description - AAT3215IJS-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com