Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3258ITS-3.0-R-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3258ITS-3.0-R-T1
Description  300mA LDO Linear Regulator with uP Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258ITS-3.0-R-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3258ITS-3.0-R-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3258ITS-3.0-R-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LDO Regulator Applications
Input Capacitor
Typically, a 1µF or larger capacitor is recommend-
ed for C
IN in most applications.
A C
IN capacitor is
not required for basic LDO regulator operation.
However, if the AAT3258 is physically located more
than three centimeters from an input power source,
a C
IN capacitor will be needed for stable operation.
C
IN should be located as closely to the device VIN
pin as practically possible. C
IN values greater than
1µF will offer superior input line transient response
and will assist in maximizing the highest possible
power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capaci-
tors may be selected for C
IN. There is no specific
capacitor ESR requirement for C
IN.
However, for
300mA LDO regulator output operation, ceramic
capacitors are recommended for C
IN due to their
inherent capability over tantalum capacitors to with-
stand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND.
The C
OUT
capacitor connection to
the LDO regulator ground pin should be made as
direct as practically possible for maximum device
performance.
The AAT3258 has been specifically designed to func-
tion with very low ESR ceramic capacitors. For best
performance, ceramic capacitors are recommended.
Typical output capacitor values for maximum output
current conditions range from 1µF to 10µF.
Applications utilizing the exceptionally low output
noise and optimum power supply ripple rejection
characteristics of the AAT3258 should use 2.2µF or
greater for C
OUT. If desired, COUT may be increased
without limit.
In low output current applications where output
load is less than 10mA, the minimum value for
C
OUT can be as low as 0.47µF.
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2006.03.1.6
11
The microprocessor reset section monitors the supply
voltage to a microprocessor and asserts a reset sig-
nal whenever the V
DET voltage falls below a factory-
programmed threshold. This threshold is accurate
within +/-1.5% at 25°C. The reset signal remains
asserted for a minimum of 150ms after V
DET has risen
above the threshold, as shown in Figure 1.
To assure the maximum possible performance is
obtained from the AAT3258, please refer to the fol-
lowing application recommendations.
Figure 1: Reset Signal Assertion.
V
RESET
DET
V
TH
V
TH
V
TH
t
RDY
t
RDY


Similar Part No. - AAT3258ITS-3.0-R-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258ITS-3.0-R-T1 ANALOGICTECH-AAT3258ITS-3.0-R-T1 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258ITS-3.0-R-T1 ANALOGICTECH-AAT3258ITS-3.0-R-T1 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
More results

Similar Description - AAT3258ITS-3.0-R-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
   Low-Dropout, 300mA Linear Regulator with Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com