Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3221IGV-2.6-T1 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3221IGV-2.6-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3221IGV-2.6-T1 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3221IGV-2.6-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3221IGV-2.6-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
3221.2005.12.1.11
1
PowerLinear
General Description
The
AAT3221
and
AAT3222
PowerLinear
NanoPower low dropout (LDO) linear regulators
are ideal for portable applications where extended
battery life is critical.
These devices feature
extremely low quiescent current, typically 1.1µA.
Dropout voltage is also very low, typically less than
200mV at the maximum output current of 150mA.
The AAT3221/2 have an enable pin feature which,
when asserted, will enter the LDO regulator into
shutdown mode, removing power from its load and
offering extended power conservation capabilities
for portable battery-powered applications.
The AAT3221/2 have output short-circuit and over-
current protection.
In addition, the devices also
have an over-temperature protection circuit, which
will shut down the LDO regulator during extended
over-current events.
The devices are available
with active high or active low enable input.
The AAT3221 and AAT3222 are available in Pb-free,
space-saving 5-pin SOT23 packages. The AAT3221
is also available in a Pb-free, 8-pin SC70JW pack-
age. The device is rated over the -40°C to +85°C
temperature range. Since only a small, 1µF ceram-
ic output capacitor is recommended, often the only
space used is that occupied by the AAT3221/2 itself.
The AAT3221/2 provide a compact and cost-effec-
tive voltage conversion solution.
The AAT3221 and AAT3122 are similar to the
AAT3220, with the exception that they offer further
power savings with an enable pin.
Features
1.1µA Quiescent Current
Low Dropout: 200mV (typical)
Guaranteed 150mA Output
High Accuracy: ±2%
Current Limit Protection
Over-Temperature Protection
Extremely Low Power Shutdown Mode
Low Temperature Coefficient
Factory-Programmed Output Voltages
— 1.6V to 3.5V
Stable Operation With Virtually Any Output
Capacitor Type
Active High or Low Enable Pin
4kV ESD
5-Pin SOT23 or 8-Pin SC70JW Package
-40°C to +85°C Temperature Range
Applications
Cellular Phones
Digital Cameras
Handheld Electronics
Notebook Computers
PDAs
Portable Communication Devices
Remote Controls
Typical Application
AAT3221/2
IN
EN
INPUT
GND
OUT
OUTPUT
GND
GND
ENABLE
(ENABLE)
CIN
1
µF
COUT
1
µF
(EN)


Similar Part No. - AAT3221IGV-2.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221IGV-2.6-T1 ANALOGICTECH-AAT3221IGV-2.6-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IGV-2.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com