Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3220IGY-3.5-T1 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3220IGY-3.5-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3220IGY-3.5-T1 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3220IGY-3.5-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3220IGY-3.5-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Applications Information
To assure the maximum possible performance is
obtained from the AAT3220, please refer to the fol-
lowing application recommendations.
Input Capacitor
Typically, a 1µF or larger capacitor is recommended
for C
IN in most applications. A CIN capacitor is not
required for basic LDO regulator operation.
However, if the AAT3220 is physically located any
distance more than one or two centimeters from the
input power source, a C
IN capacitor will be needed
for stable operation. C
IN should be located as close
to the device V
IN pin as practically possible. CIN val-
ues greater than 1µF will offer superior input line
transient response and will assist in maximizing the
highest possible power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capac-
itors may be selected for C
IN. There is no specific
capacitor ESR requirement for C
IN.
For 150mA
LDO regulator output operation, ceramic capacitors
are recommended for C
IN due to their inherent
capability over tantalum capacitors to withstand
input current surges from low-impedance sources
such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND. The C
OUT capacitor connection to the
LDO regulator ground pin should be as direct as
practically possible for maximum device perform-
ance. The AAT3220 has been specifically designed
to function with very low ESR ceramic capacitors.
Although the device is intended to operate with low
ESR capacitors, it is stable over a very wide range
of capacitor ESR, thus it will also work with some
higher ESR tantalum or aluminum electrolytic
capacitors. However, for best performance, ceram-
ic capacitors are recommended.
The value of C
OUT typically ranges from 0.47µF to
10µF; however, 1µF is sufficient for most operating
conditions.
If large output current steps are required by an
application, then an increased value for C
OUT
should be considered. The amount of capacitance
needed can be calculated from the step size of the
change in the output load current expected and the
voltage excursion that the load can tolerate.
The total output capacitance required can be cal-
culated using the following formula:
Where:
∆I = maximum step in output current
∆V = maximum excursion in voltage that the load
can tolerate.
Note that use of this equation results in capacitor
values approximately two to four times the typical
value needed for an AAT3220 at room temperature.
The increased capacitor value is recommended if
tight output tolerances must be maintained over
extreme operating conditions and maximum opera-
tional temperature excursions. If tantalum or alu-
minum electrolytic capacitors are used, the capaci-
tor value should be increased to compensate for the
substantial ESR inherent to these capacitor types.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3220. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB
footprint, and is non-polarized. Line and load tran-
sient response of the LDO regulator is improved by
using low ESR ceramic capacitors. Since ceramic
capacitors are non-polarized, they are less prone
to damage if incorrectly connected.
Equivalent Series Resistance: ESR is a very
important characteristic to consider when selecting
a capacitor. ESR is the internal series resistance
associated with a capacitor that includes lead
COUT =
× 15µF
∆I
∆V
AAT3220
150mA NanoPower™ LDO Linear Regulator
3220.2006.01.1.4
9


Similar Part No. - AAT3220IGY-3.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220IGY-3.5-T1 ANALOGICTECH-AAT3220IGY-3.5-T1 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3220IGY-3.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com