Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S351JC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S351JC
Description  HEX D FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S351JC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S351JC Datasheet HTML 1Page - Micrel Semiconductor SY100S351JC Datasheet HTML 2Page - Micrel Semiconductor SY100S351JC Datasheet HTML 3Page - Micrel Semiconductor SY100S351JC Datasheet HTML 4Page - Micrel Semiconductor SY100S351JC Datasheet HTML 5Page - Micrel Semiconductor SY100S351JC Datasheet HTML 6Page - Micrel Semiconductor SY100S351JC Datasheet HTML 7Page - Micrel Semiconductor SY100S351JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY100S351
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAMS
Propagation Delay (Clock) and Transition Times
OUTPUT
DATA
20%
80%
50%
tPLH
tPHL
tTLH
tTHL
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
–1.69V
CLOCK
OUTPUT
tPHL
tPLH
50%
1/fmax
tpw (H)
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
OUTPUT
MR
50%
tPLH
tPHL
–1.69V
CLOCK
OUTPUT
tPHL
tPLH
50%
tpw (H)
20%
80%
50%
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
tS (RELEASE TIME)
20%
80%
50%
Propagation Delay (Resets)


Similar Part No. - SY100S351JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S351JC MICREL-SY100S351JC Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
SY100S351JC MICREL-SY100S351JC Datasheet
415Kb / 6P
   HEX D FLIP-FLOP
SY100S351JCTR MICREL-SY100S351JCTR Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
SY100S351JCTR MICREL-SY100S351JCTR Datasheet
415Kb / 6P
   HEX D FLIP-FLOP
More results

Similar Description - SY100S351JC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C174 NSC-MM54C174 Datasheet
112Kb / 4P
   Hex D Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_10 Datasheet
415Kb / 6P
   HEX D FLIP-FLOP
logo
NXP Semiconductors
74ALS174 PHILIPS-74ALS174 Datasheet
97Kb / 8P
   Hex D flip-flop
1991 Feb 08
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351 Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
F100151 NSC-F100151 Datasheet
145Kb / 6P
   Hex D Flip-Flop
logo
Motorola, Inc
SN54LS174 MOTOROLA-SN54LS174 Datasheet
75Kb / 3P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
   Hex D Flip-Flop
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com