Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3200IQY-3.0-T1 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3200IQY-3.0-T1
Description  OmniPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3200IQY-3.0-T1 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3200IQY-3.0-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3200IQY-3.0-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Applications Information
To assure the maximum possible performance is
obtained from the AAT3200, please refer to the fol-
lowing application recommendations.
Input Capacitor
Typically, a 1µF or larger capacitor is recommended
for C
IN in most applications. A CIN capacitor is not
required for basic LDO regulator operation.
However, if the AAT3200 is physically located any
distance more than one or two centimeters from the
input power source, a C
IN capacitor will be needed
for stable operation.
C
IN should be located as
closely to the device V
IN pin as practically possible.
C
IN values greater than 1µF will offer superior input
line transient response and will assist in maximizing
the highest possible power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capaci-
tors may be selected for C
IN. There is no specific
capacitor equivalent series resistance (ESR)
requirement for C
IN. For 150mA to 250mA LDO reg-
ulator output operation, ceramic capacitors are rec-
ommended for C
IN due to their inherent capability
over tantalum capacitors to withstand input current
surges from low impedance sources such as bat-
teries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND. The C
OUT capacitor connection to the
LDO regulator ground pin should be made as direct
as practically possible for maximum device per-
formance.
The AAT3200 has been specifically
designed to function with very low ESR ceramic
capacitors. Although the device is intended to oper-
ate with low ESR capacitors, it is stable over a wide
range of capacitor ESR; thus, it will also work with
some higher ESR tantalum or aluminum electrolytic
capacitors. However, for best performance, ceram-
ic capacitors are recommended.
The value of C
OUT typically ranges from 0.47µF to
10µF; however, 1µF is sufficient for most operating
conditions.
If large output current steps are required by an
application, then an increased value for C
OUT
should be considered. The amount of capacitance
needed can be calculated from the step size of the
change in the output load current expected and the
voltage excursion that the load can tolerate.
The total output capacitance required can be cal-
culated using the following formula:
Where:
∆I = maximum step in output current
∆V = maximum excursion in voltage that the load
can tolerate
Note that use of this equation results in capacitor
values approximately two to four times the typical
value needed for an AAT3200 at room temperature.
The increased capacitor value is recommended if
tight output tolerances must be maintained over
extreme operating conditions and maximum opera-
tional temperature excursions. If tantalum or alu-
minum electrolytic capacitors are used, the capaci-
tor value should be increased to compensate for the
substantial ESR inherent to these capacitor types.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3200. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB
footprint, and is non-polarized. Line and load tran-
sient response of the LDO regulator is improved by
using low ESR ceramic capacitors. Since ceramic
capacitors are non-polarized, they are less prone
to damage if incorrectly connected.
Equivalent Series Resistance: ESR is a very
important characteristic to consider when selecting
a capacitor. ESR is the internal series resistance
associated with a capacitor that includes lead
COUT =
× 15µF
∆I
∆V
AAT3200
OmniPower™ LDO Linear Regulator
3200.2006.02.1.4
9


Similar Part No. - AAT3200IQY-3.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200IQY-3.0-T1 ANALOGICTECH-AAT3200IQY-3.0-T1 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3200IQY-3.0-T1 ANALOGICTECH-AAT3200IQY-3.0-T1 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results

Similar Description - AAT3200IQY-3.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200 ANALOGICTECH-AAT3200 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3200 ANALOGICTECH-AAT3200_06 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com