Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3242ITP-QT-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3242ITP-QT-T1
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3242ITP-QT-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3242ITP-QT-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3242ITP-QT-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
11
of X7R dielectric is better than ±15%. Capacitor
area is another contributor to ESR. Capacitors
which are physically large in size will have a lower
ESR when compared to a smaller sized capacitor
of an equivalent material and capacitance value.
These larger devices can improve circuit transient
response when compared to an equal value capac-
itor in a smaller package size. Consult capacitor
vendor datasheets carefully when selecting capac-
itors for LDO regulators.
POK Output
The AAT3242 features integrated Power OK com-
parators which can be used as an error flag. The
POK open drain output goes low when output volt-
age is 6% (typ) below its nominal regulation volt-
age. Additionally, any time one of the regulators is
in shutdown, the respective POK output is pulled
low. Connect a pull-up resistor from POKA to
OUTA, and POKB to OUTB.
Enable Function
The AAT3242 features an LDO regulator enable/dis-
able function. Each LDO has its own dedicated
enable pin. These pins (EN) are active high and are
compatible with CMOS logic. To assure the LDO
regulators will switch on, ENA/B must be greater
than 1.6V. The LDO regulators will shut down when
the voltage on the ENA/B pins falls below 0.6V. In
shutdown, the AAT3242 will consume less than
1.0µA of current. If the enable function is not need-
ed in a specific application, it may be tied to VIN to
keep the LDO regulator in a continuously on state.
When the LDO regulators are in shutdown mode,
an internal 20
Ω resistor is connected between
VOUT and GND. This is intended to discharge COUT
when the LDO regulators are disabled. The internal
20
Ω has no adverse effects on device turn-on time.
Short-Circuit Protection
The AAT3242 contains internal short-circuit protec-
tion that will trigger when the output load current
exceeds the internal threshold limit. Under short-
circuit conditions, the output of the LDO regulator
will be current limited until the short-circuit condi-
tion is removed from the output or LDO regulator
package power dissipation exceeds the device
thermal limit.
Thermal Protection
The AAT3242 has an internal thermal protection cir-
cuit which will turn on when the device die temper-
ature exceeds 145°C. The LDO regulator output will
remain in a shutdown state until the internal die
temperature falls back below the 145°C trip point.
The combination and interaction between the short-
circuit and thermal protection systems allows the
LDO regulators to withstand indefinite short-circuit
conditions without sustaining permanent damage.
No-Load Stability
The AAT3242 is designed to maintain output volt-
age regulation and stability under operational no-
load conditions. This is an important characteristic
for applications where the output current may drop
to zero.
Reverse Output-to-Input Voltage
Conditions and Protection
Under normal operating conditions, a parasitic diode
exists between the output and input of the LDO reg-
ulator. The input voltage should always remain
greater than the output load voltage maintaining a
reverse bias on the internal parasitic diode.
Conditions where VOUT might exceed VIN should be
avoided since this would forward bias the internal
parasitic diode and allow excessive current flow into
the VOUT pin, possibly damaging the LDO regulator.
In applications where there is a possibility of VOUT
exceeding VIN for brief amounts of time during nor-
mal operation, the use of a larger value CIN capaci-
tor is highly recommended. A larger value of CIN with
respect to COUT will effect a slower CIN decay rate
during shutdown, thus preventing VOUT from
exceeding VIN. In applications where there is a
greater danger of VOUT exceeding VIN for extended
periods of time, it is recommended to place a
Schottky diode across VIN to VOUT (connecting the
cathode to VIN and anode to VOUT). The Schottky
diode forward voltage should be less than 0.45V.


Similar Part No. - AAT3242ITP-QT-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242ITP-QT-T1 ANALOGICTECH-AAT3242ITP-QT-T1 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-QT-T1 ANALOGICTECH-AAT3242ITP-QT-T1 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results

Similar Description - AAT3242ITP-QT-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com