Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3524 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3524
Description  MicroPower??Microprocessor Reset Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3524 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3524 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AAT3520/2/4
MicroPower™ Microprocessor Reset Circuit
4
3520.2006.03.1.2
Electrical Characteristics
V
IN = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C; VCC = 5V for 4.63/4.38V
versions; V
CC = 3.3V for 3.08/2.93V versions; VCC = 3.0V for 2.63V version; VCC = 2.5V for 2.32/2.2V versions.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
CC
Operation Voltage
T
A = 0ºC to +70ºC
1.0
5.5
V
T
A = -40ºC to +85ºC
1.2
5.5
I
Q
Quiescent Current
V
CC = 5.5V
1.05
3
µA
V
CC = 3V
0.85
2
V
TH
RESET Threshold (Table 1)
T
A = 25ºC
V
TH - 1.5%
V
TH
V
TH + 1.5%
V
T
A = -40ºC to +85ºC
V
TH - 2.5%
V
TH
V
TH + 2.5%
∆V
TH/°C
RESET Threshold
40
ppm/°C
Temperature Coefficient
t
P
RESET Propagation Delay
V
CC = VTH to (VTH - 100mV)
15
µs
RESET Active Timeout
-50 Option
30
50
100
t
RDY
Period
-200 Option
150
250
400
ms
I
SINK = 1.2mA, VCC = VTH(min),
0.3
V
OL
RESET Low Output Voltage
V
TH ≤ 3.08V, RESET Asserted
V
AAT3522, AAT3524
I
SINK = 3.2mA, VCC = VTH(min),
0.4
V
TH > 3.08V, RESET Asserted
I
SOURCE = 800µA, VTH > 3.08V,
V
CC -1.5
V
OH
RESET High Output Voltage V
CC > VTH (max)
AAT3522
I
SOURCE = 500µA, VTH ≤ 3.08V,
0.8 V
CC
V
V
CC > VTH (max)
I
SINK = 1.2mA, VCC > VTH (max),
0.3
V
OL
RESET Low Output Voltage
V
TH ≤ 3.08V, RESET Not Asserted
V
AAT3520
I
SINK = 3.2mA, VCC > VTH (max),
0.4
V
TH > 3.08V, RESET Not Asserted
I
SOURCE = 500µA, VCC > 2.1V,
0.8V
CC
V
OH
RESET High Output Voltage RESET Asserted
V
AAT3520
I
SOURCE = 50µA, VCC > 1.2V,
0.8V
CC
RESET Asserted
I
DOFF
RESET Leakage Current
V
CC > VTH
1µA
AAT3524


Similar Part No. - AAT3524

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3524 ANALOGICTECH-AAT3524 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
AAT3524 ANALOGICTECH-AAT3524 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
AAT3524IGY-2.32-200-T1 ANALOGICTECH-AAT3524IGY-2.32-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
AAT3524IGY-2.63-200-T1 ANALOGICTECH-AAT3524IGY-2.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
AAT3524IGY-2.93-200-T1 ANALOGICTECH-AAT3524IGY-2.93-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3524

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com