Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3524 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3524
Description  MicroPower??Microprocessor Reset Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3524 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3524 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3524 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AAT3520/2/4
MicroPower™ Microprocessor Reset Circuit
3520.2006.03.1.2
5
Typical Characteristics
Maximum Transient Duration
vs. Reset Threshold Overdrive
0
50
100
150
200
250
300
350
400
1
10
100
1000
Reset Threshold Overdrive, VTH - VCC (mV)
Power-Down Reset Propagation
Delay vs. Temperature
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
Temperature (
°C)
VOD = 10mV
VOD = 100mV
Normalized Power-Up Reset Timeout
vs. Temperature
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Normalized Reset Threshold
vs. Temperature
0.997
0.998
0.999
1.000
1.001
1.002
1.003
-40
-20
0
20
40
60
80
Temperature (
°C)
Supply Current vs. Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-40
-20
0
20
40
60
80
Temperature (
°C)
VCC = 5V
VCC = 3V


Similar Part No. - AAT3524

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3524 ANALOGICTECH-AAT3524 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
AAT3524 ANALOGICTECH-AAT3524 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
AAT3524IGY-2.32-200-T1 ANALOGICTECH-AAT3524IGY-2.32-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
AAT3524IGY-2.63-200-T1 ANALOGICTECH-AAT3524IGY-2.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
AAT3524IGY-2.93-200-T1 ANALOGICTECH-AAT3524IGY-2.93-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3524

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com