Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3216IJS-2.3-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3216IJS-2.3-T1
Description  150mA MicroPower??LDO with PowerOK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3216IJS-2.3-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3216IJS-2.3-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3216IJS-2.3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Recommended Operating Conditions
Symbol
Description
Rating
Units
V
IN
Input Voltage
3
(V
OUT + VDO) to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Rating
Units
Θ
JA
Maximum Thermal Resistance (SOT23-5, SC70JW-8)
190
°C/W
P
D
Maximum Power Dissipation (SOT23-5, SC70JW-8)
526
mW
Symbol
Description
Value
Units
V
IN, POK
Input Voltage, POK
6
V
V
ENIN(MAX)
Maximum EN to Input Voltage
0.3
V
I
OUT
DC Output Current
P
D/(VIN-VO)mA
T
J
Operating Junction Temperature Range
-40 to 150
°C
AAT3216
150mA MicroPower™ LDO with PowerOK
3216.2006.01.1.3
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.
3. To calculate minimum input voltage, use the following equation: V
IN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN ≥ 2.5V.


Similar Part No. - AAT3216IJS-2.3-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216IJS-2.3-T1 ETC-AAT3216IJS-2.3-T1 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
More results

Similar Description - AAT3216IJS-2.3-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3237 ANALOGICTECH-AAT3237 Datasheet
161Kb / 13P
   300mA MicroPower??LDO with PowerOK
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306 Datasheet
252Kb / 8P
   150mA Micropower Cap Baseband LDO
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com