Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3236IJS-2.8-T1 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3236IJS-2.8-T1
Description  300mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3236IJS-2.8-T1 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3236IJS-2.8-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3236IJS-2.8-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Recommended Operating Conditions
Symbol
Description
Rating
Units
V
IN
Input Voltage
(V
OUT + 0.3) to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance (SOT23-5, SC70JW-8)
190
°C/W
P
D
Maximum Power Dissipation (SOT23-5, SC70JW-8)
526
mW
Symbol
Description
Value
Units
V
IN
Input Voltage
6
V
V
ENIN(MAX)
Maximum EN to Input Voltage
0.3
V
I
OUT
DC Output Current
P
D/(VIN - VO)mA
T
J
Operating Junction Temperature Range
-40 to 150
°C
AAT3236
300mA CMOS High Performance LDO
3236.2007.03.1.4
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.


Similar Part No. - AAT3236IJS-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236IJS-2.8-T1 ANALOGICTECH-AAT3236IJS-2.8-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236IJS-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com