Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3236IJS-2.85-T1 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3236IJS-2.85-T1
Description  300mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3236IJS-2.85-T1 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3236IJS-2.85-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3236IJS-2.85-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3236
300mA CMOS High Performance LDO
3236.2007.03.1.4
1
PowerLinear
Typical Application
AAT3236
IN
EN
BYP
VIN
VOUT
GND
GND
GND
OUT
ON/OFF
2.2
μF
10nF
1
μF
General Description
The AAT3236 is a MicroPower low dropout (LDO)
linear regulator designed to deliver a continuous
300mA output load current and is capable of han-
dling short duration current peaks up to 500mA.
With a very small footprint SOT23-5 package, it is
ideally suited for portable applications where low
noise, high power supply ripple rejection (PSRR),
extended battery life, and small size are critical.
The AAT3236 features fast transient response and
low output self noise for powering sensitive RF cir-
cuitry. Other features include low quiescent cur-
rent, typically 100µA, and low dropout voltage, typ-
ically 300mV at full output load current. The device
has internal output short-circuit protection and ther-
mal shutdown to prevent damage under extreme
conditions.
The AAT3236 also features a low-power shutdown
mode for longer battery life. A bypass pin is pro-
vided to improve PSRR performance by connect-
ing an external capacitor from the device reference
output to ground.
The AAT3236 is available in a Pb-free, space-sav-
ing SOT23-5 or SC70JW-8 package in nine facto-
ry-programmed voltages: 2.5V, 2.7V, 2.8V, 2.85V,
3.0V, 3.1V, 3.3V, 3.5V, or 3.6V.
Features
500mA Peak Output Current
Low Dropout - Typically 300mV at 300mA
Guaranteed 300mA Output
High Accuracy: ±1.5%
100µA Quiescent Current
High Power Supply Ripple Rejection
— 70dB at 1kHz
— 50dB at 10kHz
Very Low Self Noise: 45µVrms
Noise Reduction Bypass Capacitor
Short-Circuit Protection
Over-Temperature Protection
Shutdown Mode for Longer Battery Life
Low Temperature Coefficient
Nine Factory-Programmed Output Voltages
SOT23 5-Pin or SC70JW 8-Pin Package
Applications
Cellular Phones
Notebook Computers
Personal Portable Electronics
Portable Communication Devices


Similar Part No. - AAT3236IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236IJS-2.85-T1 ANALOGICTECH-AAT3236IJS-2.85-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com