Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3680 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3680
Description  Lithium-Ion/Polymer Linear Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3680 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3680 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings
1
T
A=25°C, unless otherwise noted.
Thermal Information
3
Recommended Operating Conditions
Symbol
Description
Conditions
Min
Typ
Max
Units
V
P
Operation Input Voltage
4.5
7.0
V
I
DRV
DRV Pin Sink Current
40
mA
T
Ambient Temperature Range
-20
70
°C
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
TSOPJW-12
120
°C/W
MSOP-8
150
P
D
Maximum Power Dissipation
TSOPJW-12
1.0
W
MSOP-8
833
mW
Symbol
Description
Value
Units
V
P
V
P Relative to VSS
-0.3 to 7.5
V
V
CSI
CSI to GND
-0.3 to V
P + 0.3
V
V
T2X
T2X to GND
-0.3 to 5.5
V
V
BAT
BAT to GND
-0.3 to V
P + 0.3
V
T
J
Operating Junction Temperature Range
-40 to 150
°C
ESD
ESD Rating
Note 2
kV
AAT3680
Lithium-Ion/Polymer
Linear Battery Charge Controller
3680.2006.03.1.6
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. IC devices are inherently ESD sensitive; handling precautions required.
3. Mounted on an FR4 printed circuit board.


Similar Part No. - AAT3680

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680 ANALOGICTECH-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
AAT3680IKS-4.1-T1 ANALOGICTECH-AAT3680IKS-4.1-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
More results

Similar Description - AAT3680

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com