Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3527ICX-2.63-200-T1 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT3527ICX-2.63-200-T1
Description  MicroPower??Supervisory Circuit with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3527ICX-2.63-200-T1 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

  AAT3527ICX-2.63-200-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3527ICX-2.63-200-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Applications Information
Reset Output Options
The AAT3528 has an active low open drain output
and the AAT3526/7 have a push-pull output. The
AAT3528 may be used in multiple voltage systems
with an external pull-up resistor. This allows the
AAT3528 to interface to microprocessors with high-
er supply voltages up to 5.5V (Figure 2). In the event
of a power-down or brown-out condition, the reset
signal remains valid until the V
CC drops below 1.2V.
To ensure validity down to ground, an external
100k
Ω resistor should be connected between the
RESET output and GND.
Manual Reset Input
A logic low signal on MR asserts a reset condition.
Reset continues to be asserted as long as MR is low
and for a minimum of 150ms after MR returns high.
This input is internally pulled up to V
CC via a 65kΩ
resistor, so leaving the pin unconnected is accept-
able if the manual reset function is not needed. The
MR input is internally debounced which allows the
use of a mechanical switch. It should be a normally-
open momentary switch connected from MR to
GND. Additionally, the MR pin can be driven from
TTL, CMOS, or open drain logic outputs.
Supply Voltage Transient Behavior
In some cases, fast negative transients of short
duration can appear on the V
CC power supply. The
AAT3526/7/8 series devices provide some immunity
to line transients which can generate invalid reset
pulses. Figure 1 shows typical behavior to short
duration pulses versus RESET comparator over-
drive. As shown in the Maximum Transient Duration
vs. Reset Threshold Overdrive graph, when the tran-
sient voltage becomes larger, the time allowed
before asserting a reset becomes shorter (e.g., typ-
ically a transient of 100mV below the reset threshold
would have to present for more than 50
µs to cause
a reset). Immunity can be increased by the addition
of a small bypass capacitor of 0.1µF connected as
close to the V
CC pin as possible.
AAT3526/7/8
MicroPower™ Supervisory Circuit
with Manual Reset
3526.2006.03.1.6
7
Figure 2: Using Recommended Bypass Capacitor.
Figure 3: Using AAT3528 Open Drain Output with Multiple Supplies.
AAT3528
5V
System
+3.3V
VCC
VCC
RESET
100k
GND
GND
RESET
INPUT
MR
+5.0V
*AAT3528 Only
AAT3526
AAT3527
AAT3528
µP
V
0.1µF
MR
CC
VCC
VCC
RESET
(RESET)
GND
GND
RESET
INPUT
100k
(nominal)
*


Similar Part No. - AAT3527ICX-2.63-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3527ICX-2.63-200-T1 ANALOGICTECH-AAT3527ICX-2.63-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
More results

Similar Description - AAT3527ICX-2.63-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com