Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG01-C13 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZG01-C13
Description  SMA voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZG01-C13 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZG01-C13 Datasheet HTML 1Page - NXP Semiconductors BZG01-C13 Datasheet HTML 2Page - NXP Semiconductors BZG01-C13 Datasheet HTML 3Page - NXP Semiconductors BZG01-C13 Datasheet HTML 4Page - NXP Semiconductors BZG01-C13 Datasheet HTML 5Page - NXP Semiconductors BZG01-C13 Datasheet HTML 6Page - NXP Semiconductors BZG01-C13 Datasheet HTML 7Page - NXP Semiconductors BZG01-C13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2000 Feb 17
5
Philips Semiconductors
Product specification
SMA voltage regulator diodes
BZG01 series
GRAPHICAL DATA
handbook, halfpage
0
T (
°C)
Ptot
(W)
200
3
0
1
2
40
80
120
160
MCD826
Solid line: tie-point temperature.
Dotted line: ambient temperature; device mounted on an Al2O3
printed-circuit board as shown in Fig.5.
Fig.2
Maximum total power dissipation as a
function of temperature.
handbook, halfpage
103
102
10
1
MCD825
10−2
10−1
1
tp (ms)
PZSM
(W)
10
Tj =25 °C prior to surge.
Fig.3
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
handbook, halfpage
1
VF (V)
IF
(A)
1.5
3
0
1
2
1.1
1.2
1.3
1.4
MCD824
Tj =25 °C.
Fig.4
Forward current as a function of forward
voltage; typical values.
MSB213
4.5
2.5
1.25
50
50
Dimensions in mm.
Fig.5 Printed-circuit board for surface mounting.


Similar Part No. - BZG01-C13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG01-C13 PHILIPS-BZG01-C13 Datasheet
44Kb / 7P
   Voltage regulator diodes
2000 Feb 17
BZG01-C130 PHILIPS-BZG01-C130 Datasheet
44Kb / 7P
   Voltage regulator diodes
2000 Feb 17
More results

Similar Description - BZG01-C13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com