Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3526ICX-2.93-200-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3526ICX-2.93-200-T1
Description  MicroPower??Supervisory Circuit with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3526ICX-2.93-200-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

  AAT3526ICX-2.93-200-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3526ICX-2.93-200-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AAT3526/7/8
MicroPower™ Supervisory Circuit
with Manual Reset
8
3526.2006.03.1.6
Ordering Information and Factory-Trimmed Reset Thresholds
1
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Reset Threshold Voltage, V
TH (V)
Ordering
T
A = 25°C
T
A = -40°
°C to +85°°C
Part Number
2
Marking
3
Min
Typ
Max
Min
Max
AAT3526ICX-2.32-200-T1
NOXYY
AAT3527ICX-2.32-200-T1
2.285
2.320
2.355
2.262
2.378
AAT3528ICX-2.32-200-T1
AAT3526ICX-2.63-200-T1
DNXYY
AAT3527ICX-2.63-200-T1
2.591
2.630
2.669
2.564
2.696
AAT3528ICX-2.63-200-T1
DRXYY
AAT3526ICX-2.93-200-T1
DOXYY
AAT3527ICX-2.93-200-T1
DQXYY
2.886
2.930
2.974
2.857
3.003
AAT3528ICX-2.93-200-T1
FQXYY
AAT3528ICX-3.00-200-T1
FIXYY
2.955
3.000
3.045
2.925
3.075
AAT3526ICX-3.08-200-T1
EQXYY
AAT3527ICX-3.08-200-T1
FHXYY
3.034
3.080
3.126
3.003
3.157
AAT3528ICX-3.08-200-T1
FJXYY
AAT3526ICX-4.38-200-T1
GCXYY
AAT3527ICX-4.38-200-T1
HLXYY
4.314
4.380
4.446
4.271
4.490
AAT3528ICX-4.38-200-T1
AAT3526ICX-4.63-200-T1
DPXYY
AAT3527ICX-4.63-200-T1
HMXYY
4.561
4.630
4.699
4.514
4.746
AAT3528ICX-4.63-200-T1
1. Contact local Sales Office for custom trimmed options.
2. Sample stock is generally held on all part numbers listed in BOLD.
3. XYY = assembly and date code.


Similar Part No. - AAT3526ICX-2.93-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526ICX-2.93-200-T1 ANALOGICTECH-AAT3526ICX-2.93-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
More results

Similar Description - AAT3526ICX-2.93-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com