Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3221IJS-1.7-T1 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT3221IJS-1.7-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3221IJS-1.7-T1 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT3221IJS-1.7-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3221IJS-1.7-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
10
3221.2005.12.1.11
Applications Information
To ensure that the maximum possible performance
is obtained from the AAT3221/2, please refer to the
following application recommendations.
Input Capacitor
A 1µF or larger capacitor is typically recommended
for C
IN in most applications. A CIN capacitor is not
required for basic LDO regulator operation.
However, if the AAT3221/2 is physically located any
distance more than one or two centimeters from the
input power source, a C
IN capacitor will be needed
for stable operation.
C
IN should be located as
closely to the device V
IN pin as practically possible.
C
IN values greater than 1µF will offer superior input
line transient response and will assist in maximizing
the power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capac-
itors may be selected for C
IN, as there is no specif-
ic capacitor ESR requirement.
For 150mA LDO
regulator output operation, ceramic capacitors are
recommended for C
IN due to their inherent capabil-
ity over tantalum capacitors to withstand input cur-
rent surges from low impedance sources such as
batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND. The C
OUT capacitor connection to the
LDO regulator ground pin should be made as direct
as practically possible for maximum device per-
formance.
The AAT3221/2 has been specifically
designed to function with very low ESR ceramic
capacitors. Although the device is intended to oper-
ate with these low ESR capacitors, it is stable over
a wide range of capacitor ESR, thus it will also work
with some higher ESR tantalum or aluminum elec-
trolytic capacitors. However, for best performance,
ceramic capacitors are recommended.
The value of C
OUT typically ranges from 0.47µF to
10µF; however, 1µF is sufficient for most operating
conditions.
If large output current steps are required by an
application, then an increased value for C
OUT
should be considered. The amount of capacitance
needed can be calculated from the step size of the
change in output load current expected and the
voltage excursion that the load can tolerate.
The total output capacitance required can be cal-
culated using the following formula:
C
OUT =
∆I
× 15µF
∆V
Where:
∆I = maximum step in output current
∆V = maximum excursion in voltage that the load
can tolerate
Note that use of this equation results in capacitor
values approximately two to four times the typical
value needed for an AAT3221/2 at room tempera-
ture. The increased capacitor value is recommend-
ed if tight output tolerances must be maintained over
extreme operating conditions and maximum opera-
tional temperature excursions. If tantalum or alu-
minum electrolytic capacitors are used, the capacitor
value should be increased to compensate for the
substantial ESR inherent to these capacitor types.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3221/2.
Ceramic capacitors offer
many advantages over their tantalum and alu-
minum electrolytic counterparts. A ceramic capac-
itor typically has very low ESR, is lower cost, has a
smaller PCB footprint, and is non-polarized. Line
and load transient response of the LDO regulator is
improved by using low-ESR ceramic capacitors.
Since ceramic capacitors are non-polarized, they
are less prone to damage if incorrectly connected.
Equivalent Series Resistance (ESR): ESR is a
very important characteristic to consider when
selecting a capacitor. ESR is the internal series
resistance associated with a capacitor, which
includes lead resistance, internal connections,
capacitor size and area, material composition, and
ambient temperature. Typically, capacitor ESR is
measured in milliohms for ceramic capacitors and
can range to more than several ohms for tantalum
or aluminum electrolytic capacitors.
Ceramic Capacitor Materials: Ceramic capacitors
less than 0.1µF are typically made from NPO or C0G
materials. NPO and C0G materials are typically tight
tolerance and very stable over temperature. Larger
capacitor values are typically composed of X7R,
X5R, Z5U, and Y5V dielectric materials.
Large


Similar Part No. - AAT3221IJS-1.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221IJS-1.7-T1 ANALOGICTECH-AAT3221IJS-1.7-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IJS-1.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com