Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3242ITP-IG-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3242ITP-IG-T1
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3242ITP-IG-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3242ITP-IG-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3242ITP-IG-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
8
3242.2006.04.1.10
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
VEN(H) and VEN(L) vs. VIN
1.050
1.075
1.100
1.125
1.150
1.175
1.200
1.225
1.250
2.5
3.0
3.5
4.0
4.5
5.0
5.
Input Voltage (V)
VEN(H)
VEN(L)
Self Noise
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)


Similar Part No. - AAT3242ITP-IG-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242ITP-IG-T1 ANALOGICTECH-AAT3242ITP-IG-T1 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-IG-T1 ANALOGICTECH-AAT3242ITP-IG-T1 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results

Similar Description - AAT3242ITP-IG-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com