Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3686IXN-4.2-T1 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3686IXN-4.2-T1
Description  USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3686IXN-4.2-T1 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3686IXN-4.2-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3686IXN-4.2-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Pin Descriptions
Pin Configuration
TDFN34-16
TDFN44-16
(Top View)
(Top View)
ADP
GND
CHR
USB
BAT
3
EN
ADPP#
TS
USBL
USBSEL
CT
ADPSET
USBH
STAT1
STAT2
DATA
4
5
1
2
6
7
8
14
13
12
16
15
11
10
9
ADP
GND
CHR
USB
BAT
3
EN
ADPP#
TS
USBL
USBSEL
CT
ADPSET
USBH
STAT1
STAT2
DATA
4
5
1
2
6
7
8
14
13
12
16
15
11
10
9
Pin #
(TDFN34-16/
TDFN44-16)
Name
Type
Function
1
USB
In
USB power supply input.
2
BAT
In/Out
Battery charging and sensing.
3
ADP
In
Adapter input.
4
GND
Ground
Ground connection.
5
CHR
In/Out
Resistor divider to set USB voltage regulation for charge reduction mode.
Leave this pin open for default 4.5V USB regulation point. Tie to USB pin to
disable this function.
6
EN
In
Enable pin. Logic high enables the IC.
7
ADPP#
Out
Adapter present indicator. This pin is open drain until ADP pin reaches
threshold.
8
TS
In/Out
Connect to 10k
Ω NTC thermistor.
9
DATA
In/Out
Status report to microcontroller via serial interface, open-drain.
10
STAT2
Out
Battery charge status indicator pin to drive an LED: active low, open-drain.
11
STAT1
Out
Battery charge status indicator pin to drive an LED: active low, open-drain.
12
CT
In/Out
Timing capacitor to adjust internal watchdog timer. Set maximum charge time
for adapter powered trickle, CC, and CV charge modes. The watchdog timer
only sets the timers for adapter battery charging; there is no timeout for the
battery charging from the USB input. If timing function is not needed, termi-
nate this pin to ground.
13
USBSEL
In
When USB is present, use this pin to toggle between 100mA and 500mA limit.
14
USBL
In/Out
Connect resistor here to set charge current for low-current USB port.
15
USBH
In/Out
Connect resistor here to set charge current for high-current USB port.
16
ADPSET
In/Out
Use resistor at this pin to set adapter charging current.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
AAT3686
USB Port/AC Adapter
Lithium-Ion/Polymer Battery Charger
2
3686.2006.10.1.9


Similar Part No. - AAT3686IXN-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3686IXN-4.2-T1 ANALOGICTECH-AAT3686IXN-4.2-T1 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686IXN-4.2-T1 ANALOGICTECH-AAT3686IXN-4.2-T1 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3686IXN-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3684 ANALOGICTECH-AAT3684 Datasheet
285Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681A ANALOGICTECH-AAT3681A Datasheet
209Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com