Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S360JZTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S360JZTR
Description  DUAL PARITY CHECKER/GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S360JZTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S360JZTR Datasheet HTML 1Page - Micrel Semiconductor SY100S360JZTR Datasheet HTML 2Page - Micrel Semiconductor SY100S360JZTR Datasheet HTML 3Page - Micrel Semiconductor SY100S360JZTR Datasheet HTML 4Page - Micrel Semiconductor SY100S360JZTR Datasheet HTML 5Page - Micrel Semiconductor SY100S360JZTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100S360
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
Propagation Delay and Transition Times
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
–1.69V
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND


Similar Part No. - SY100S360JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360JZTR MICREL-SY100S360JZTR Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
More results

Similar Description - SY100S360JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
logo
Texas Instruments
CY5474FCT480T TI-CY5474FCT480T Datasheet
82Kb / 8P
[Old version datasheet]   Dual 8-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
100360 FAIRCHILD-100360 Datasheet
74Kb / 7P
   Low Power Dual Parity Checker/Generator
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com