Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S363 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S363
Description  DUAL 8-INPUT MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S363 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S363_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S363_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S363_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S363_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S363_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S363_06 Datasheet HTML 6Page - Micrel Semiconductor SY100S363_06 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SY100S363
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
SY100S363
DUAL 8-INPUT
MULTIPLEXER
s Max. propagation delay of 900ps
s IEE min. of –92mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75K
input pull-down resistors
s 60% faster than Fairchild 300K at lower power
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
FEATURES
DESCRIPTION
The SY100S363 is a dual 8-input multiplexer designed
for use in new, high-performance ECL systems. The
three Data Select inputs (S0, S1, S2) determine the bits
from each of the inputs (An, Bn) that will be passed on
through the two outputs. The same bit will be selected
from the two groups of 8 inputs. The inputs on this
device have 75K
Ω pull-down resistors.
Rev.: H
Amendment: /0
Issue Date:
March 2006
BLOCK DIAGRAM
A7
Za
A6
A5
A4
A3
A2
A1
A0
S2
S1
S0
B7
Zb
B6
B5
B4
B3
B2
B1
B0


Similar Part No. - SY100S363_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S363 MICREL-SY100S363_07 Datasheet
87Kb / 4P
   DUAL 8-INPUT MULTIPLEXER
More results

Similar Description - SY100S363_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S363 MICREL-SY100S363_07 Datasheet
87Kb / 4P
   DUAL 8-INPUT MULTIPLEXER
SY100S363 MICREL-SY100S363 Datasheet
108Kb / 6P
   DUAL 8-INPUT MULTIPLEXER
logo
National Semiconductor ...
100363 NSC-100363 Datasheet
127Kb / 8P
   Low Power Dual 8-Input Multiplexer
logo
Fairchild Semiconductor
100363 FAIRCHILD-100363 Datasheet
74Kb / 7P
   Low Power Dual 8-Input Multiplexer
logo
National Semiconductor ...
F100363 NSC-F100363 Datasheet
162Kb / 6P
   LOW POWER DUAL 8-INPUT MULTIPLEXER
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com