Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3221IJS-1.9-T1 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3221IJS-1.9-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3221IJS-1.9-T1 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3221IJS-1.9-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3221IJS-1.9-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
3221.2005.12.1.11
9
Functional Block Diagram
Over-Current
Protection
Over-Temperature
Protection
VREF
IN
EN
OUT
GND
Functional Description
The AAT3221 and AAT3222 are intended for LDO
regulator applications where output current load
requirements range from no load to 150mA. The
advanced circuit design of the AAT3221/2 has been
optimized for very low quiescent or ground current
consumption, making it ideal for use in power man-
agement systems for small battery-operated
devices. The typical quiescent current level is just
1.1µA. AAT3221/2 devices also contain an enable
circuit which has been provided to shut down the
LDO regulator for additional power conservation in
portable products. In the shutdown state, the LDO
draws less than 1µA from input supply.
The LDO also demonstrates excellent power sup-
ply ripple rejection (PSRR) and load and line tran-
sient response characteristics. The AAT3221/2
high performance LDO regulator is especially well
suited for circuit applications that are sensitive to
load circuit power consumption and extended bat-
tery life.
The LDO regulator output has been specifically
optimized to function with low-cost, low-ESR
ceramic capacitors. However, the design will allow
for operation with a wide range of capacitor types.
The AAT3221/2 has complete short-circuit and
thermal protection.
The integral combination of
these two internal protection circuits gives the
AAT3221/2 a comprehensive safety system to
guard against extreme adverse operating condi-
tions. Device power dissipation is limited to the
package type and thermal dissipation properties.
Refer to the Thermal Considerations section of this
document for details on device operation at maxi-
mum output load levels.


Similar Part No. - AAT3221IJS-1.9-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221IJS-1.9-T1 ANALOGICTECH-AAT3221IJS-1.9-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IJS-1.9-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com