Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3688IWP-4.2-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3688IWP-4.2-T1
Description  USB Port Lithium-Ion/Polymer Battery Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3688IWP-4.2-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3688IWP-4.2-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3688IWP-4.2-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AAT3688
USB Port Lithium-Ion/Polymer Battery Charger
3688.2006.10.1.5
11
Charging Operation
The AAT3688 has four basic modes for the battery
charge cycle and is powered from the USB input:
pre-conditioning/trickle charge; constant current/fast
charge; constant voltage; and end of charge. For ref-
erence, Figure 1 shows the current versus voltage
profile during charging phases.
Battery Preconditioning
Before the start of charging, the AAT3688 checks
several conditions in order to assure a safe charging
environment. The input supply must be above the
minimum operating voltage, or under-voltage lockout
threshold (VUVLO), for the charging sequence to
begin. In addition, the cell temperature, as reported
by a thermistor connected to the TS pin from the bat-
tery, must be within the proper window for safe
charging. When these conditions have been met and
a battery is connected to the BAT pin, the AAT3688
checks the state of the battery. If the cell voltage is
below the Preconditioning Voltage Threshold (VMIN),
the AAT3688 begins preconditioning the cell.
The battery preconditioning trickle charge current
is equal to the fast charge constant current divided
by 10. For example, if the programmed fast charge
current is 500mA, then the preconditioning mode
(trickle charge) current will be 50mA. Cell precon-
ditioning is a safety precaution for a deeply dis-
charged battery and also aids in limiting power dis-
sipation in the pass transistor when the voltage
across the device is at the greatest potential.
Fast Charge / Constant Current Charging
Battery cell preconditioning continues until the volt-
age on the BAT pin exceeds the Preconditioning
Voltage Threshold (VMIN). At this point, the AAT3688
begins the constant current fast charging phase.
The fast charge constant current (ICC) amplitude is
determined by the selected charge mode USBH or
USBL and is programmed by the user via the RSETH
and RSETL resistors. The AAT3688 remains in con-
stant current charge mode until the battery reaches
the voltage regulation point, VBAT.
Constant Voltage Charging
The system transitions to a constant voltage charg-
ing mode when the battery voltage reaches output
charge regulation threshold (VBAT) during the con-
stant current, fast charge phase. The regulation
voltage level is factory programmed to 4.2V ( 1%).
The charge current in the constant voltage mode
drops as the battery cell under charge reaches its
maximum capacity.
End of Charge Cycle Termination and Recharge
Sequence
When the charge current drops to 7.5% of the pro-
grammed fast charge current level in the constant volt-
age mode, the device terminates charging and goes
into a sleep state. The charger will remain in a sleep
state until the battery voltage decreases to a level
below the battery recharge voltage threshold (VRCH).
When the input supply is disconnected, the charg-
er will also automatically enter power-saving sleep
mode. Only consuming an ultra-low 0.3µA in sleep
mode, the AAT3688 minimizes battery drain when
it is not charging. This feature is particularly useful
in applications where the input supply level may fall
below the battery charge or under-voltage lockout
level. In such cases where the AAT3688 input volt-
age drops, the device will enter the sleep mode and
automatically resume charging once the input sup-
ply has recovered from its fault condition.
Figure 1: Current vs. Voltage Profile During Charging Phases.
Constant Current
Charge Phase
Constant Voltage
Charge Phase
Preconditioning
Trickle Charge
Phase
Charge Complete Voltage
Constant Current Mode
Voltage Threshold
Regulated Current
Trickle Charge and
Termination Threshold
I = CC / 10
I = Max CC


Similar Part No. - AAT3688IWP-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3688IWP-4.2-T1 ANALOGICTECH-AAT3688IWP-4.2-T1 Datasheet
527Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3688IWP-4.2-T1 ANALOGICTECH-AAT3688IWP-4.2-T1 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3688IWP-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com