Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3218IJS-2.85-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3218IJS-2.85-T1
Description  150mA MicroPower??High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3218IJS-2.85-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3218IJS-2.85-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3218IJS-2.85-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics
VIN = VOUT(NOM) + 1V for VOUT options greater than 1.5V. VIN = 2.5 for VOUT ≤1.5V. IOUT = 1mA, COUT = 2.2µF,
CIN = 1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
VOUT
Output Voltage Tolerance
IOUT = 1mA
TA = 25°C
-1.5
1.5
%
to150mA
TA = -40°C to 85°C
-2.5
2.5
IOUT
Output Current
VOUT > 1.2V
150
mA
VDO
Dropout Voltage1, 2
IOUT = 150mA
200
300
mV
ISC
Short-Circuit Current
VOUT < 0.4V
600
mA
IQ
Ground Current
VIN = 5V, No Load, EN = VIN
70
125
µA
ISD
Shutdown Current
VIN = 5V, EN = 0V
1
µA
ΔVOUT/
Line Regulation
VIN = VOUT + 1 to 5.0V
0.09
%/V
VOUT*ΔVIN
ΔVOUT(line) Dynamic Line Regulation
VIN = VOUT + 1V to VOUT + 2V,
2.5
mV
IOUT = 150mA, TR/TF = 2µs
ΔVOUT(load) Dynamic Load Regulation
IOUT = 1mA to 150mA, TR< 5µs
30
mV
tENDLY
Enable Delay Time
BYP = Open
15
µs
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.5
V
IEN
Leakage Current on Enable Pin
VEN = 5V
1
µA
1 kHz
67
PSRR
Power Supply Rejection Ratio
IOUT = 10mA,
10kHz
47
dB
CBYP = 10nF
1MHz
45
TSD
Over-Temperature Shutdown
145
°C
Threshold
THYS
Over-Temperature Shutdown
12
°C
Hysteresis
eN
Output Noise
Noise Power BW = 300Hz - 50kHz
50
µVrms
TC
Output Voltage Temperature
22
ppm/°C
Coefficient
AAT3218
150mA MicroPower™ High Performance LDO
4
3218.2006.04.1.8
1. VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
2. For VOUT < 2.3V, VDO = 2.5V - VOUT.


Similar Part No. - AAT3218IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218IJS-2.85-T1 ETC-AAT3218IJS-2.85-T1 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
More results

Similar Description - AAT3218IJS-2.85-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com