Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3515IGV-2.63-C-T1 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3515IGV-2.63-C-T1
Description  Micropower uP Reset with Watchdog Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3515IGV-2.63-C-T1 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3515IGV-2.63-C-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3515IGV-2.63-C-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2006.03.1.7
3
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
190
°C/W
P
D
Maximum Power Dissipation
526
mW
Symbol
Description
Max
Units
V
CC
V
CC to GND
-0.3 to 6
V
V
MR, VWDI
MR, WDI to GND
-0.3 to V
CC + 0.3
V
V
RESET
RESET to GND (Push-Pull or Bidirectional Output)
-0.3 to V
CC + 0.3
V
RESET to GND (Open Drain Output)
-0.3 to 6
I
VCC, IMR, IWDI
Maximum Continuous Input Current
20
mA
I
RESET
RESET/RESET Output Current
20
mA
dV
CC/dt
Rate of Rise of V
CC
100
V/µs
T
J
Operating Junction Temperature Range (-40°C to +150°C)
150
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.


Similar Part No. - AAT3515IGV-2.63-C-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3515IGV-2.63-C-T1 ANALOGICTECH-AAT3515IGV-2.63-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3515IGV-2.63-C-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com