Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3218IJS-3.3-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3218IJS-3.3-T1
Description  150mA MicroPower??High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3218IJS-3.3-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3218IJS-3.3-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3218IJS-3.3-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AAT3218
150mA MicroPower™ High Performance LDO
8
3218.2006.04.1.8
Functional Description
The AAT3218 is intended for LDO regulator appli-
cations where output current load requirements
range from no load to 150mA. The advanced cir-
cuit design of the AAT3218 has been specifically
optimized for very fast start-up and shutdown tim-
ing. This proprietary CMOS LDO has also been
tailored for superior transient response characteris-
tics.
These traits are particularly important for
applications that require fast power supply timing,
such as GSM cellular telephone handsets.
The high-speed turn-on capability of the AAT3218
is enabled through the implementation of a fast-
start control circuit, which accelerates the power-
up behavior of fundamental control and feedback
circuits within the LDO regulator.
Fast turn-off response time is achieved by an
active output pull-down circuit, which is enabled
when the LDO regulator is placed in shutdown
mode. This active fast shutdown circuit has no
adverse effect on normal device operation.
The AAT3218 has very fast transient response
characteristics, which is an important feature for
applications where fast line and load transient
response are required.
This rapid transient
response behavior is accomplished through the
implementation of an active error amplifier feed-
back control.
This proprietary circuit design is
unique to this MicroPower LDO regulator.
The LDO regulator output has been specifically
optimized to function with low-cost, low-ESR
ceramic capacitors. However, the design will allow
for operation over a wide range of capacitor types.
A bypass pin has been provided to allow the addi-
tion of an optional voltage reference bypass
capacitor to reduce output self noise and increase
power supply ripple rejection. Device self noise
and PSRR will be improved by the addition of a
small ceramic capacitor to this pin.
However,
increased CBYPASS values may slow down the LDO
regulator turn-on time.
This LDO regulator has complete short-circuit and
thermal protection. The integral combination of
these two internal protection circuits gives the
AAT3218 a comprehensive safety system to guard
against extreme adverse operating conditions.
Device power dissipation is limited to the package
type and thermal dissipation properties. Refer to
the Thermal Considerations section of this
datasheet for details on device operation at maxi-
mum output current loads.
Functional Block Diagram
Error
Amplifier
Over-Current
Protection
Over-
Temperature
Protection
Voltage
Reference
+
-
IN
EN
BYP
OUT
GND
Active
Feedback
Control
Fast-
Start
Control


Similar Part No. - AAT3218IJS-3.3-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218IJS-3.3-T1 ETC-AAT3218IJS-3.3-T1 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
More results

Similar Description - AAT3218IJS-3.3-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com