Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03-C8V2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZT03-C8V2
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT03-C8V2 Datasheet(HTML) 6 Page - NXP Semiconductors

  BZT03-C8V2 Datasheet HTML 1Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 2Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 3Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 4Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 5Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 6Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 7Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 8Page - NXP Semiconductors BZT03-C8V2 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1996 Jun 11
6
Philips Semiconductors
Product specification
Voltage regulator diodes
BZT03 series
Note
1. Non-repetitive peak reverse current in accordance with
“IEC 60-1, Section 8” (10/1000
µs pulse); see Fig.4.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.6.
For more information please refer to the
“General Part of associated Handbook”.
BZT03-C180
168
0.09
0.13
5
249
1.2
5
150
BZT03-C200
188
0.09
0.13
5
276
1.1
5
160
BZT03-C220
208
0.09
0.13
2
305
1.0
5
180
BZT03-C240
228
0.09
0.13
2
336
0.9
5
200
BZT03-C270
251
0.09
0.13
2
380
0.8
5
220
BZT03-C300
280
0.09
0.13
2
419
0.72
5
240
BZT03-C330
310
0.09
0.13
2
459
0.65
5
270
BZT03-C360
340
0.09
0.13
2
498
0.60
5
300
BZT03-C390
370
0.09
0.13
2
537
0.56
5
330
BZT03-C430
400
0.09
0.13
2
603
0.50
5
360
BZT03-C470
440
0.09
0.13
2
655
0.45
5
390
BZT03-C510
480
0.09
0.13
2
707
0.42
5
430
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
46
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
TYPE
NUMBER
REVERSE
BREAKDOWN
VOLTAGE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
CLAMPING
VOLTAGE
REVERSE
CURRENT at
STAND-OFF
VOLTAGE
V(BR)R (V)
at Itest
SZ (%/K) at Itest
Itest
(mA)
V(CL)R (V)
at IRSM
(A)
note 1
IR (µA)
at VR
(V)
MIN.
MIN.
MAX.
MAX.
MAX.


Similar Part No. - BZT03-C8V2

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BZT03 BILIN-BZT03 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03 VISHAY-BZT03 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03 VISHAY-BZT03 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
BZT03 VISHAY-BZT03 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZT03 VISHAY-BZT03 Datasheet
128Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.7, 11-Sep-12
More results

Similar Description - BZT03-C8V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com