Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4290IJS-1-T1 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT4290IJS-1-T1
Description  I/O Expander Load Switches with Serial Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4290IJS-1-T1 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT4290IJS-1-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4290IJS-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Descriptions
Pin Configuration
AAT4290
AAT4291
SC70JW-8
SC70JW-8
(Top View)
(Top View)
N/C
N/C
EN/SET
OUT3
OUT2
OUT1
GND
IN 1
2
3
45
6
7
8
OUT2
OUT1
EN/SET
OUT3
OUT4
OUT5
GND
IN 1
2
3
45
6
7
8
Pin #
AAT4290
AAT4291
Symbol
Function
1
1
IN
Input power supply is connected to the P-channel MOSFET
sources. Connect a 1µF capacitor from IN to GND.
2
7
OUT2
P-channel MOSFET drain.
3
6
OUT1
P-channel MOSFET drain.
4
4
EN/SET
Input control pin using S
2Cwire serial interface. The device
records rising edges of the clock and decodes them into 32
states (8 states for AAT4291) which controls the ON/OFF
states of the MOSFETs. See Table 1 and Table 2 for out-
put settings.
5
5
GND
Ground connection.
6
N/A
OUT5
P-channel MOSFET drain.
7
N/A
OUT4
P-channel MOSFET drain.
8
8
OUT3
P-channel MOSFET drain.
N/A
2, 3
N/C
Not connected.
AAT4290/91
I/O Expander Load Switches with Serial Control
2
4290.2006.03.1.2


Similar Part No. - AAT4290IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290IJS-1-T1 ANALOGICTECH-AAT4290IJS-1-T1 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290IJS-1-T1 ANALOGICTECH-AAT4290IJS-1-T1 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results

Similar Description - AAT4290IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290 ANALOGICTECH-AAT4290_06 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
EV-101 ANALOGICTECH-EV-101 Datasheet
116Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
logo
SiGe Semiconductor, Inc...
AATIAN78 SIGE-AATIAN78 Datasheet
121Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
   Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
   Six-Channel Push/Pull I/O Expander with Serial Control
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com