Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4280AIJS-3-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT4280AIJS-3-T1
Description  Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4280AIJS-3-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT4280AIJS-3-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4280AIJS-3-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AAT4280A
Slew Rate Controlled Load Switch
4280A.2005.11.1.3
9
Functional Description
The AAT4280A is a family of flexible P-channel
MOSFET power switches designed for high-side
load switching applications. There are three ver-
sions of the AAT4280A with different turn-on and
turn-off characteristics to choose from, depending
upon the specific requirements of an application.
The first version, the AAT4280A-1, has a moderate
turn-on slew rate feature, which reduces inrush
current when the MOSFET is turned on. This func-
tion allows the load switch to be implemented with
either a small input capacitor or no input capacitor
at all. During turn-on slewing, the current ramps
linearly until it reaches the level required for the
output load condition. The proprietary turn-on cur-
rent control method works by careful control and
monitoring of the MOSFET gate voltage. When the
device is switched ON, the gate voltage is quickly
increased to the threshold level of the MOSFET.
Once at this level, the current begins to slew as the
gate voltage is slowly increased until the MOSFET
becomes fully enhanced. Once it has reached this
point, the gate is quickly increased to the full input
voltage and R
DS(ON) is minimized.
The second version, the AAT4280A-2, is a very fast
switch intended for high-speed switching applica-
tions. This version has no turn-on slew rate control
and no special output discharge features.
The final switch version, the AAT4280A-3, has the
addition of a minimized slew rate limited turn-on
function and a shutdown output discharge circuit to
rapidly turn off a load when the load switch is dis-
abled through the ON/OFF pin.
All versions of the AAT4280A operate with input
voltages ranging from 1.5V to 5.5V. All versions of
this device have extremely low operating current,
making them ideal for battery-powered applica-
tions. The ON/OFF control pin is TTL compatible
and will also function with 2.5V to 5V logic systems,
making the AAT4280A an ideal level-shifting load
switch.
Functional Block Diagram
Level
Shift
IN
ON/OFF
OUT
GND
Turn-On
Slew Rate
Control
*
*AAT4280A-3 only


Similar Part No. - AAT4280AIJS-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280AIJS-3-T1 ANALOGICTECH-AAT4280AIJS-3-T1 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4280AIJS-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com