Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3524IGY-4.63-200-T1 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3524IGY-4.63-200-T1
Description  MicroPower??Microprocessor Reset Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3524IGY-4.63-200-T1 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3524IGY-4.63-200-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3524IGY-4.63-200-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AAT3520/2/4
MicroPower™ Microprocessor Reset Circuit
3520.2006.03.1.2
3
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
200
°C/W
P
D
Maximum Power Dissipation
320
mW
Symbol
Description
Value
Units
V
CC
V
CC to GND
-0.3 to 5.5
V
V
RESET
RESET to GND (Push-Pull Output)
-0.3 to V
CC + 0.3
V
RESET to GND (Open Drain Output)
-0.3 to 5.5
I
MAX
Maximum Continuous Input Current
20
mA
I
RESET
RESET/RESET Current
20
mA
dV
CC/dt
Rate of Rise of V
CC
100
V/µs
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at Leads) for 10s
300
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.


Similar Part No. - AAT3524IGY-4.63-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3524IGY-4.63-200-T1 ANALOGICTECH-AAT3524IGY-4.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3524IGY-4.63-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com