Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4612IJS-T1 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT4612IJS-T1
Description  Current Limited Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4612IJS-T1 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT4612IJS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4612IJS-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AAT4612
Current Limited Load Switch
10
4612.2006.09.1.3
Ordering Information
Package Information
SOT23-5
All dimensions in millimeters.
0.15
± 0.07
0.45
± 0.15
0.10 BSC
0.40
± 0.10
0.60 REF
2.85
± 0.15
1.90 BSC
0.95
BSC
10
° ± 5°
GAUGE PLANE
0.075
± 0.075
0.60 REF
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking1
Part Number (Tape and Reel)2
SOT23-5
ATXYY
AAT4612IGV-T1
SC70JW-8
ATXYY
AAT4612IJS-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on all part numbers listed in BOLD.


Similar Part No. - AAT4612IJS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4612IJS-T1 ANALOGICTECH-AAT4612IJS-T1 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4612IJS-T1 ANALOGICTECH-AAT4612IJS-T1 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results

Similar Description - AAT4612IJS-T1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
   Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com