Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4618 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT4618
Description  Current Limited Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4618 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT4618 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SC70JW-8
All dimensions in millimeters.
0.225
± 0.075
0.45
± 0.10
2.10
± 0.30
2.00
± 0.20
7
° ± 3°
4
° ± 4°
0.100
0.048REF
0.50 BSC 0.50 BSC 0.50 BSC
AAT4618
Current Limited Load Switch
4618.2006.05.1.2
11
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold sub-
ject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are regis-
tered trademarks or trademarks of their respective holders.


Similar Part No. - AAT4618

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
AAT4618IGV-0.5-1-T1 ANALOGICTECH-AAT4618IGV-0.5-1-T1 Datasheet
251Kb / 11P
   Current Limited Load Switch
AAT4618IGV-0.5-T1 ANALOGICTECH-AAT4618IGV-0.5-T1 Datasheet
251Kb / 11P
   Current Limited Load Switch
AAT4618IGV-1-T1 ANALOGICTECH-AAT4618IGV-1-T1 Datasheet
225Kb / 10P
   Current Limited Load Switch
More results

Similar Description - AAT4618

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
   Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com