Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4625IAS-T1 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT4625IAS-T1
Description  USB Single-Channel Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4625IAS-T1 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT4625IAS-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4625IAS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SmartSwitch
AAT4625
USB Single-Channel Power Switch
4625.2006.04.1.2
1
General Description
The AAT4625 SmartSwitch is part of AnalogicTech's
Application Specific Power MOSFET™ (ASPM™)
product family. It is a 1.0A current limited P-chan-
nel MOSFET power switch designed for high-side
load-switching applications. This switch operates
with inputs ranging from 2.7V to 5.5V, making it
ideal for both 3V and 5V systems. An integrated
current-limiting circuit protects the input supply
against large changes in load current which may
cause the supply to fall out of regulation. The
AAT4625 is also protected from thermal overload
which limits power dissipation and junction temper-
atures. The current limit threshold is factory pro-
grammed at 1.5A, with a maximum of 2.0A. The
quiescent supply current is typically a low 16µA. In
shutdown mode, the supply current decreases to
less than 1µA.
The AAT4625 is available in Pb-free, 8-pin SOP,
TSSOP, or MSOP packages, and is specified over
the -40°C to +85°C temperature range.
The AAT4600 series is a family of adjustable and
fixed SmartSwitch products with a range of current
handling capabilities. Single versions with
adjustable current limit (AAT4601) or fixed current
limit (AAT4625) as well as dual versions with fixed
current limit (AAT4626) are available.
Features
Compliant with USB 1.1 and 2.0 Specifications
2.7V to 5.5V Input Voltage Range
1.0A Minimum Continuous Current
2.0A Maximum Current Limit
60m
Ω Typical RDS(ON)
Low Quiescent Current:
— Typically 16µA
— 1µA Maximum with Switch Off
Thermal Shutdown
Slew Rate Limited Turn On
Fault Flag with 10ms Blanking
Under-Voltage Lockout (UVLO)
Temperature Range: -40°C to +85°C
UL Approved—File No. E217765
8-Pin SOP, TSSOP, or MSOP Package
Applications
General Purpose Power Switching
Hot Swap Supplies
Notebook Computers
USB Ports and Peripherals
UL Recognized Component
Typical Application
120
μF
GND
GND
OUTPUT
OUT
OUT
IN
EN (EN)
EN (EN)
0.1
μF
VCC 5.0V
100k
FLG
7
2
1
3
8
6
AAT4625


Similar Part No. - AAT4625IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625IAS-T1 ANALOGICTECH-AAT4625IAS-T1 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
AAT4625IAS-T1 ANALOGICTECH-AAT4625IAS-T1 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
More results

Similar Description - AAT4625IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com