Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4618IGV-1.0-1-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT4618IGV-1.0-1-T1
Description  Current Limited Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4618IGV-1.0-1-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT4618IGV-1.0-1-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4618IGV-1.0-1-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AAT4618
Current Limited Load Switch
8
4618.2006.05.1.2
Applications Information
Input Capacitor
The input capacitor CIN protects the power supply
from current transients generated by the load
attached to the AAT4618. When a short circuit is
suddenly applied to the output of the AAT4618, a
large current, limited only by the RDS(ON) of the
MOSFET, will flow for less than 1µs before the cur-
rent limit circuitry activates. (See characteristic
curve "Short Circuit Through 0.3
Ω.") In this event,
a moderately sized CIN will dramatically reduce the
voltage transient seen by the power supply and by
other circuitry upstream from the AAT4618. The
extremely fast short-circuit response time of the
AAT4618 reduces the size requirement of CIN.
CIN should be located as close to the device VIN pin
as practically possible. Ceramic, tantalum, or alu-
minum electrolytic capacitors are appropriate for
CIN. There is no specific capacitor ESR requirement
for CIN. However, for higher current operation,
ceramic capacitors are recommended for CIN due to
their inherent capability over tantalum capacitors to
withstand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
In order to insure stability while current limit is
active, a low capacitance (approximately 0.47µF) is
required. No matter how large the output capaci-
tor, output current is limited to the value set by the
AAT4618 current limiting circuitry, so very large
output capacitors can be used.
For example, USB ports are specified to have at
least 120µF of capacitance downstream from their
controlling power switch. The current limiting circuit
will allow an output capacitance of 1000µF or more
without disturbing the upstream power supply.
ON (Enable Input)
In many systems, power planes are controlled by
integrated circuits which run at lower voltages than
the power plane itself. The enable input (ON) of
the AAT4618 has low and high threshold voltages
that accommodate this condition. The threshold
voltages are compatible with 5V TTL and 2.5V to
5V CMOS systems.
When switching the AAT4618 on into a capacitive
load, the AAT4618 will charge the output capacitive
load at a rate no greater than the current limit setting.
Attaching Loads
Capacitive loads attached to an enabled AAT4618 will
charge at a rate no greater than the current limit setting.
FAULT Output
The FAULT flag is provided to alert the system if an
AAT4618 load is not receiving sufficient voltage to
operate properly. If current limit or over-tempera-
ture circuits in any combination are active for more
than approximately 4ms, the FAULT flag is pulled
to ground through approximately 100
Ω. The filter-
ing of voltage or current transients of less than 4ms
prevents capacitive loads connected to the
AAT4618 output from activating the FAULT flag
when they are initially attached. Pull-up resistanc-
es of 1k
Ω to 100kΩ are recommended. Since
FAULT is an open drain terminal, it may be pulled
up to any unrelated voltage less than the maximum
operating voltage of 5.5V, allowing for level shifting
between circuits.
Thermal Considerations
Since the AAT4618 has internal current limit and
over-temperature protection, junction temperature
is rarely a concern. However, if the application
requires large currents in a hot environment, it is
possible that temperature, rather than current limit,
will be the dominant regulating condition. In these
applications, the maximum current available with-
out risk of an over-temperature condition must be
calculated.
The maximum internal temperature
while current limit is not active can be calculated
using Equation 1.
Eq. 1:
In Equation 1, IMAX is the maximum current required
by the load. RDS(ON)(MAX) is the maximum rated
RDS(ON) of the AAT4618 at high temperature. RθJA is
the thermal resistance between the AAT4618 die
and the board onto which it is mounted. TA(MAX) is
the maximum temperature that the PCB under the
T
J(MAX) = IMAX
2
· R
DS(ON)(MAX) · R
ΘJA + TA(MAX)


Similar Part No. - AAT4618IGV-1.0-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4618IGV-1.0-1-T1 ANALOGICTECH-AAT4618IGV-1.0-1-T1 Datasheet
251Kb / 11P
   Current Limited Load Switch
More results

Similar Description - AAT4618IGV-1.0-1-T1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
   Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com