Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4626IAS-1-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT4626IAS-1-T1
Description  USB Dual-Channel Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4626IAS-1-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT4626IAS-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT4626IAS-1-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PCB Layout Information
In order to obtain the maximum performance from
the AAT4626, very careful attention must be con-
sidered in regard to the printed circuit board layout.
In most port power switch and port protection appli-
cations, high voltage and current transient events
will occur. Proper PCB layout can help reduce the
effects of transient events. PCB trace resistance
will effect overall circuit transient response; small
voltage drops will also be incurred.
Refer to the following guidelines for power port
PCB layout:
1. PCB traces should be kept as short and direct
as possible to minimize the effects of the PCB
on circuit performance.
2. Make component solder pads large to mini-
mize contact resistance.
3. The AAT4626 output bulk capacitors and ferrite
beads should be placed as close to the device
as possible. PCB traces to the output connec-
tor should be kept as short as possible to min-
imized trace resistance and the associated
voltage drop (I2R loss).
4. If ferrite beads are used in the circuit, select fer-
rite beads with a minimum series resistance.
5. The use of PCB trace vias should be avoided
on all traces that conduct high currents. If vias
are necessary, make the vias as large as pos-
sible and use multiple vias connected in paral-
lel to minimize their effect.
AAT4626
USB Dual-Channel Power Switch
4626.2006.05.1.2
11
Figure 3: Summary of Typical Circuit Voltage Drops Caused by
AAT4626 Circuit Components and PCB Trace Resistance.
Trace Resistance
0.01
Ω
(5mV)
(5mV)
C
BULK
0.1
μF
C
BULK
0.1
μF
Cable, Connector
and Contact
Resistance
0.03
Ω
(15mV)
(15mV)
V+
GND
Input
Power Supply
4.50V to 5.25V
P-Channel MOSFET
Switch On Resistance
0.09
Ω
(45mV)
AAT4626
Ch. A
Ferrite Bead
and PCB Trace
Resistance
0.02
Ω
(10mV)
(10mV)
VBUS
GND
Downstream
Peripheral Port
500mA Max.
Load Current
Total Voltage Drop = 75mV
OUTA
IN
GND
Evaluation Board Layout
The AAT4626 evaluation layout follows the recom-
mend printed circuit board layout procedures and
can be used as an example for good application
layouts. (See Figures 4, 5, and 6.) Note that fer-
rite beads are not used on this simple device eval-
uation board. The board layout shown is not to
scale.


Similar Part No. - AAT4626IAS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4626IAS-1-T1 ANALOGICTECH-AAT4626IAS-1-T1 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
AAT4626IAS-1-T1 ANALOGICTECH-AAT4626IAS-1-T1 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
More results

Similar Description - AAT4626IAS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
   DUAL USB POWER SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com