Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4625IKS-1-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT4625IKS-1-T1
Description  USB Single-Channel Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4625IKS-1-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT4625IKS-1-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT4625IKS-1-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Refer to the following guidelines for power port
PCB layout:
1. PCB traces should be kept as short and direct
as possible to minimize the effects of the PCB
on circuit performance.
2. Make component solder pads large to mini-
mize contact resistance.
3. The AAT4625 output bulk capacitor and ferrite
beads should be placed as close to the device
as possible. PCB traces to the output connec-
tor should be kept as short as possible to min-
imized trace resistance and the associated
voltage drop (I2R loss).
4. If ferrite beads are used in the circuit, select fer-
rite beads with a minimum series resistance.
5. The use of PCB trace vias should be avoided
on all traces that conduct high currents. If vias
are necessary, make the vias as large as pos-
sible and use multiple vias connected in paral-
lel to minimize their effect.
AAT4625
USB Single-Channel Power Switch
4625.2006.04.1.2
11
Figure 3: Summary of Typical Circuit Voltage Drops Caused by AAT4625
Circuit Components and PCB Trace Resistance.
Trace Resistance
0.01
Ω
(5mV)
(5mV)
CBULK
0.1
μF
CBULK
0.1
μF
Cable, Connector,
and Contact
Resistance
0.03
Ω
(15mV)
(15mV)
V+
GND
Input
Power Supply
4.50V to 5.25V
P-Channel MOSFET
Switch On Resistance
0.06
Ω
(30mV)
AAT4625
Ferrite Bead
and PCB Trace
Resistance
0.02
Ω
(10mV)
(10mV)
VBUS
GND
Downstream
Peripheral Port
500mA Max.
Load Current
Total Voltage Drop = 60mV
Evaluation Board Layout
The AAT4625 evaluation layout (shown in Figures
4, 5, and 6) follows the recommend printed circuit
board layout procedures and can be used as an
example for good application layouts. Note that
ferrite beads are not used on this simple device
evaluation board. The board layout shown is not
to scale.
Figure 4: Evaluation Board
Figure 5: Evaluation Board
Figure 6: Evaluation Board
Component Side Layout.
Solder Side Layout.
Top Side Silk Screen Layout/
Assembly Drawing.


Similar Part No. - AAT4625IKS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625IKS-1-T1 ANALOGICTECH-AAT4625IKS-1-T1 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
More results

Similar Description - AAT4625IKS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com