Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4625IKS-T1 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT4625IKS-T1
Description  USB Single-Channel Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4625IKS-T1 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT4625IKS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT4625IKS-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AAT4625
USB Single-Channel Power Switch
10
4625.2006.04.1.2
Reverse Voltage
The AAT4625 is designed to control current flowing
from IN to OUT. If a voltage is applied to OUT
which is greater than that on IN, a large reverse
current may flow, potentially damaging the device.
Under-Voltage Lockout
The AAT4625 has been designed with an under-volt-
age lockout control circuit. The under-voltage lock-
out prevents the output MOSFET device from turn-
ing on until VIN exceeds the typical UVLO threshold
of 2.3V. During operation, the device will automati-
cally shut down if VIN falls below the UVLO threshold
and the fault flag will be toggled.
Hot-Plug Applications
Application circuit cards with a high inrush current
potential can be limited by use of the AAT4625.
The AAT4625 has both slew rate limited turn-on
characteristics and a current limit controlled output
which make it ideally suited for power port hot-plug
applications. A host power back plane or hot-plug
receptacle may be sensitive to short duration, high
power surges. The AAT4625 will turn on in a linear
ramping fashion and regulate the inrush current
within the specified current limit for the device. The
error flag usually will not be affected during appli-
cation turn-on, since the 10ms flag blanking time is
intended for these types of events. If an application
turn-on current surge exceeds 10ms, an RC delay
filter may be added to the flag output to prevent the
system from receiving an error during the start-up
sequence (see Figure 2).
Figure 2: AAT4625 Inrush Current Protected Application.
0.1
μF
AAT4625
1
2
3
45
6
7
8
EN
FLG
GND
NC
NC
OUT
IN
OUT
CBULK
(120
μF)
Card
Application
Circuit
v+
GND
Inrush Current Protected
Application Card
Cable / Connector
to Hot-Plug Port
VBUS
GND
Hot-Plug
Receptacle
PCB Layout Information
In order to obtain maximum performance from the
AAT4625, very careful consideration must be given
to the printed circuit board layout. In most port
power switch and port protection applications, high
voltage and current transient events will occur.
Proper PCB layout can help reduce the effects of
transient events. PCB trace resistance will affect
overall circuit transient response; in addition, small
voltage drops will be incurred.


Similar Part No. - AAT4625IKS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625IKS-T1 ANALOGICTECH-AAT4625IKS-T1 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
More results

Similar Description - AAT4625IKS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com