Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S863 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S863
Description  8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S863 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S863 Datasheet HTML 1Page - Micrel Semiconductor SY100S863 Datasheet HTML 2Page - Micrel Semiconductor SY100S863 Datasheet HTML 3Page - Micrel Semiconductor SY100S863 Datasheet HTML 4Page - Micrel Semiconductor SY100S863 Datasheet HTML 5Page - Micrel Semiconductor SY100S863 Datasheet HTML 6Page - Micrel Semiconductor SY100S863 Datasheet HTML 7Page - Micrel Semiconductor SY100S863 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY100S863
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
PECL-TO-PECL SWITCHING WAVEFORMS
Figure 2. PECL-to-PECL Transition — Propagation Delay and Transition Times
PULSE
GENERATOR
DQ
Q
QTTL
EN
DUT
450
FTTL
-3V
0V
STTL
CH C
RT
50
CH A
CH B
OSCILLOSCOPE
VCC, VCCT & VCCO
VEE, VGT
0.1µ
0.1µ
2V
–3V
USE OSCILLOSCOPE
INTERNAL 50
Ω LOAD
FOR TERMINATION.
50
Figure 1. PECL-to-PECL AC Test Circuit
tPD
PECL DATA
ENABLE
PECL OUTPUT
VOH = 4.1V
VOL = 3.3V
VOZ = 3V
tPHZ
tPZH
PECL-TO-PECL TEST CIRCUITRY


Similar Part No. - SY100S863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S863 MICREL-SY100S863 Datasheet
96Kb / 7P
   8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
SY100S863JC MICREL-SY100S863JC Datasheet
96Kb / 7P
   8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
SY100S863JCTR MICREL-SY100S863JCTR Datasheet
96Kb / 7P
   8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
More results

Similar Description - SY100S863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S863 MICREL-SY100S863 Datasheet
96Kb / 7P
   8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com