Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHK432ILY-.5-B1 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AHK432ILY-.5-B1
Description  Adjustable Low Voltage Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AHK432ILY-.5-B1 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AHK432ILY-.5-B1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AHK432ILY-.5-B1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AHK432
Adjustable Low Voltage Shunt Regulator
432.2005.11.1.3
3
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Characteristics
Symbol
Description
Package
Value
Units
Θ
JA
Maximum Thermal Resistance
TO-92
160
°C/W
SOT23-3, SOT23-5
410
P
D
Maximum Power Dissipation
TO-92
780
mW
SOT23-3, SOT23-5
300
Symbol
Description
Value
Units
V
Z
Cathode Voltage
20
V
I
Z
Continuous Cathode Current
100
mA
I
REF
Reference Current
3
mA
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at Leads)
260
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.


Similar Part No. - AHK432ILY-.5-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK432ILY-.5-B1 ANALOGICTECH-AHK432ILY-.5-B1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
More results

Similar Description - AHK432ILY-.5-B1

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com