Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55851UKGTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY55851UKGTR
Description  2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55851UKGTR Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY55851UKGTR Datasheet HTML 1Page - Micrel Semiconductor SY55851UKGTR Datasheet HTML 2Page - Micrel Semiconductor SY55851UKGTR Datasheet HTML 3Page - Micrel Semiconductor SY55851UKGTR Datasheet HTML 4Page - Micrel Semiconductor SY55851UKGTR Datasheet HTML 5Page - Micrel Semiconductor SY55851UKGTR Datasheet HTML 6Page - Micrel Semiconductor SY55851UKGTR Datasheet HTML 7Page - Micrel Semiconductor SY55851UKGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
SuperLite™
SY55851
SY55851A
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
10-PIN MSOP (K10-1)
Rev. 00
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY55851UKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851UKGTR MICREL-SY55851UKGTR Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
More results

Similar Description - SY55851UKGTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY55851A MICROCHIP-SY55851A Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Micrel Semiconductor
SY55851 MICREL-SY55851_09 Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
logo
ON Semiconductor
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7V33M ONSEMI-NB7V33M Datasheet
167Kb / 10P
   1.8V / 2.5V, 10GHz 첨4 Clock Divider with CML Outputs
January, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com