Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55854UYI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY55854UYI
Description  2 x 2 Protection Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55854UYI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY55854UYI Datasheet HTML 1Page - Micrel Semiconductor SY55854UYI Datasheet HTML 2Page - Micrel Semiconductor SY55854UYI Datasheet HTML 3Page - Micrel Semiconductor SY55854UYI Datasheet HTML 4Page - Micrel Semiconductor SY55854UYI Datasheet HTML 5Page - Micrel Semiconductor SY55854UYI Datasheet HTML 6Page - Micrel Semiconductor SY55854UYI Datasheet HTML 7Page - Micrel Semiconductor SY55854UYI Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
SY55854U
March 2007
2
M9999-032207-E
hbwhelp@micrel.com or (408) 955-1690
Ordering Information(1)
Part Number
Package
Type
Temperature
Range
Package
Lead
Finish
SY55854UYI
Y16-1
Industrial
854U
Sn-Pb
SY55854UYITR(2)
Y16-1
Industrial
854U
Sn-Pb
SY55854UYI(3)
Y16-1
Industrial
854U with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY55854UYITR(2, 3)
Y16-1
Industrial
854U with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.
Pin Configuration
16-Pin EPAD-QSOP (Y16-1)
Pin Description
Pin Number
Pin Name
Pin Function
2, 3
D0, /D0
CML/PECL/LVPECL Input (Differential). This is one of the data inputs to the crosspoint.
It will be switched either to the Q0 output, the Q1 output, both outputs, or neither output,
depending on the state of the S0 and S1 inputs.
4, 5
S0, /S0
CML/PECL/LVPECL Input (Differential). This selects input chooses which data input
switches to the Q0 output. S0 logic low selects the D0 input, while S0 logic high selects
the B input.
6, 7
/D1, D1
CML/PECL/LVPECL Input (Differential). This is the other data input to the crosspoint. It
will be switched either to the Q0 output, the Q1 output, both outputs, or neither output,
depending on the state of the S0 and S1 inputs.
1, 8
GND
Ground.
9, 16
VCC
Power Supply.
10, 11
Q1, /Q1
CML Output (Differential). This is the other output from the crosspoint. Input S1 selects
either the D0 or D1 input to be switched to this output.
12, 13
/S1, S1
CML/PECL/LVPECL Input (Differential). This select input chooses which data input
switches to the Q1 output. S1 logic low selects the D0 input, while S1 logic high selects
the D1 input.
14, 15
/Q0, Q0
CML Output (Differential). This is one output from the crosspoint. Input S0 selects either
the D0 or the D1 input to be switched to this output.


Similar Part No. - SY55854UYI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854UYI MICREL-SY55854UYI Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854UYI MICREL-SY55854UYI Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854UYI MICREL-SY55854UYI Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854UYITR MICREL-SY55854UYITR Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854UYITR MICREL-SY55854UYITR Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results

Similar Description - SY55854UYI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
TS3A26746E TI1-TS3A26746E Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com