Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55855V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY55855V
Description  DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55855V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY55855V Datasheet HTML 1Page - Micrel Semiconductor SY55855V Datasheet HTML 2Page - Micrel Semiconductor SY55855V Datasheet HTML 3Page - Micrel Semiconductor SY55855V Datasheet HTML 4Page - Micrel Semiconductor SY55855V Datasheet HTML 5Page - Micrel Semiconductor SY55855V Datasheet HTML 6Page - Micrel Semiconductor SY55855V Datasheet HTML 7Page - Micrel Semiconductor SY55855V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SuperLite™
SY55855V
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY55855VKI
K10-1
Industrial
855V
Sn-Pb
SY55855VKITR(2)
K10-1
Industrial
855V
Sn-Pb
SY55855VKG(3)
K10-1
Industrial
855V with
NiPdAu
Pb-Free bar line indicator Pb-Free
SY55855VKGTR(2, 3)
K10-1
Industrial
855V with
NiPdAu
Pb-Free bar line indicator Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.
GND
/Q1
6
5
1
D0
/D0
D1
/D1
10 VCC
Q0
/Q0
Q1
9
8
7
2
3
4
10-Pin MSOP (K10-1)
Pin Number
Pin Name
Pin Function
1, 2
D0, /D0
CML/PECL/LVPECL Input (Differential). This is one of the inputs. It is converted to
LVDS onto the Q0 and /Q0 outputs.
3, 4
D1, /D1
CML/PECL/LVPECL Input (Differential). This is the other input. It is converted to
LVDS onto the Q1 and /Q1 outputs.
5
GND
Ground.
6, 7
/Q1, Q1
LVDS Output (Differential). This is the other LVDS output. It buffers the CML input
that appears at D1, /D1.
8, 9
/Q0, Q0
LVDS Output (Differential). This is one LVDS output. It buffers the CML input that
appears at D0, /D0.
10
VCC
VCC
PIN DESCRIPTION
D0
D1
Q0
/Q0
Q1
/Q1
00
0
1
0
1
01
0
1
1
0
10
1
0
0
1
11
1
0
1
0
TRUTH TABLE


Similar Part No. - SY55855V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855VKI MICREL-SY55855VKI Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
More results

Similar Description - SY55855V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100 TI1-SN65CML100_13 Datasheet
1Mb / 19P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com