Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG2412D Datasheet(PDF) 7 Page - AZ Displays

Part # AG2412D
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AG2412D Datasheet(HTML) 7 Page - AZ Displays

Back Button AG2412D Datasheet HTML 2Page - AZ Displays AG2412D Datasheet HTML 3Page - AZ Displays AG2412D Datasheet HTML 4Page - AZ Displays AG2412D Datasheet HTML 5Page - AZ Displays AG2412D Datasheet HTML 6Page - AZ Displays AG2412D Datasheet HTML 7Page - AZ Displays AG2412D Datasheet HTML 8Page - AZ Displays AG2412D Datasheet HTML 9Page - AZ Displays AG2412D Datasheet HTML 10Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Interface Description
Pin No.
Symbol
Level
Function Description
1
FG
/
FRAME GROUND
2
Vss
/
GROUND (0V)
3
Vdd
+5.0 V Power supply for logic (+)
4
Vee
-12.2 V LCD Drive Voltage (-)
5
/WR
H/L
Write Signal
6
/RD
H/L
Read Signal
7
/CE
H/L
Chip Enable
8
C/D
H/L
Command/Data
9
NC
/
No connected
10
/RST
H/L
Reset
11
DB0
H/L
Data Input/Output(LSB)
12
DB1
H/L
Data Input/Output
6
13
DB2
H/L
Data Input/Output
14
DB3
H/L
Data Input/Output
15
DB4
H/L
Data Input/Output
16
DB5
H/L
Data Input/Output
17
DB6
H/L
Data Input/Output
18
DB7
H/L
Data Input/Output(MSB)
19
FS
H/L
H:6X8 Character Font
L:8X8 Character Font
20
RV
/
Reverse data in


Similar Part No. - AG2412D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2410 ETC2-AG2410 Datasheet
571Kb / 11P
   HIGH PERFORMANCE QUAD TRUNK
More results

Similar Description - AG2412D

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com