Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55859LMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY55859LMG
Description  3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55859LMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY55859LMG Datasheet HTML 1Page - Micrel Semiconductor SY55859LMG Datasheet HTML 2Page - Micrel Semiconductor SY55859LMG Datasheet HTML 3Page - Micrel Semiconductor SY55859LMG Datasheet HTML 4Page - Micrel Semiconductor SY55859LMG Datasheet HTML 5Page - Micrel Semiconductor SY55859LMG Datasheet HTML 6Page - Micrel Semiconductor SY55859LMG Datasheet HTML 7Page - Micrel Semiconductor SY55859LMG Datasheet HTML 8Page - Micrel Semiconductor SY55859LMG Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SuperLite™
SY55859L
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Pin-for-pin, plug-in compatible to the MAX3840
s Supply voltage operation: +3.3V
±10%
s Low jitter:
• 2psRMS random jitter
• 5psPP deterministic jitter
s Power saving output disable feature
s 15ps channel-to-channel skew
s Fast CML outputs: <100ps t
r /tf
s Available in a small (5mm x 5mm) 32-pin EPAD-
MLF™ package
FEATURES
3.3V, 2.7Gbps
DUAL 2X2 CROSSPOINT SWITCH
SuperLite™
SY55859L
APPLICATIONS
s SONET/SDH optical transport
s High-speed backplane redundancy
s Add-drop multiplexers
Rev.: C
Amendment: /0
Issue Date:
November 2005
The SY55859L is a dual CML 2x2 crosspoint switch
optimized for high-speed data and/or clock applications (up
to 2.7Gbps or 2.7GHz) where low jitter and skew are critical.
This device is pin-for-pin, plug-in compatible to the MAX3840.
Each 2x2 of the SY55859L routes any input to any output,
and thus can distribute or multiplex a clock or data stream.
The I/O architecture is fully differential and CML compatible.
Both inputs and outputs are optimized for 50
Ω transmission
lines.
The inputs (DA 0-1 and DB 0-1) are internally
terminated with 50
Ω, thus eliminating external termination,
and the outputs (QA0-1 and QB0-1) include 50
Ω source
termination.
Furthermore, a power-saving output enable
feature is provided which powers-down unused outputs.
The SY5859L operates from a +3.3V
±10% supply, and
is guaranteed over the industrial (–40
°C to +85°C)
temperature range. It is available in a 32-pin (5mm x 5mm)
MLF™ package.
For applications that require either lower voltage operation
or a more flexible input interface (for applications such as
AC–coupled LVPECL inputs), consider the SY55858U.
TYPICAL APPLICATIONS CIRCUIT
TYPICAL PERFORMANCE
Laser
Driver
Data
Clock
Limiting
Amplifier
CDR
Limiting
Amplifier
CDR
Data
Clock
SY55859L
Laser
Driver
Micrel Semiconductor
Maxim
SY55859LMI
MAX3840EGJ
CROSS REFERENCE TABLE
TIME (50ps/div.)
SuperLite is a trademarks of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
2.7Gbps, 223 – 1 PRBS
SuperLite™


Similar Part No. - SY55859LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55859LMG MICREL-SY55859LMG Datasheet
337Kb / 12P
   3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
SY55859LMGTR MICREL-SY55859LMGTR Datasheet
337Kb / 12P
   3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
More results

Similar Description - SY55859LMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L_10 Datasheet
337Kb / 12P
   3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
logo
Texas Instruments
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com