Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV49-C3V6 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZV49-C3V6
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV49-C3V6 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZV49-C3V6 Datasheet HTML 2Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 3Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 4Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 5Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 6Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 7Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 8Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 9Page - NXP Semiconductors BZV49-C3V6 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2005 Feb 03
8
Philips Semiconductors
Product specification
Voltage regulator diodes
BZV49 series
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
SOT89
TO-243
SC-62
99-09-13
04-08-03
w M
e1
e
E
HE
B
0
2
4 mm
scale
bp3
bp2
bp1
c
D
Lp
A
Plastic surface mounted package; collector pad for good heat transfer; 3 leads
SOT89
12
3
UNIT
A
mm
1.6
1.4
0.48
0.35
c
0.44
0.23
D
4.6
4.4
E
2.6
2.4
HE
Lp
4.25
3.75
e
3.0
w
0.13
e1
1.5
1.2
0.8
bp2
bp1
0.53
0.40
bp3
1.8
1.4


Similar Part No. - BZV49-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV49-C3V6 NXP-BZV49-C3V6 Datasheet
199Kb / 10P
   Voltage regulator diodes
2005 Feb 03
BZV49-C3V6 NXP-BZV49-C3V6 Datasheet
199Kb / 10P
   Voltage regulator diodes
2005 Feb 03
logo
Nexperia B.V. All right...
BZV49-C3V6 NEXPERIA-BZV49-C3V6 Datasheet
490Kb / 11P
   Voltage regulator diodes
2005 Feb 03
logo
NXP Semiconductors
BZV49-C3V6115 NXP-BZV49-C3V6115 Datasheet
199Kb / 10P
   Voltage regulator diodes
2005 Feb 03
More results

Similar Description - BZV49-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com