Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S48SA05003NRFC Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # S48SA05003NRFC
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA05003NRFC Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  S48SA05003NRFC Datasheet HTML 1Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 2Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 3Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 4Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 5Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 6Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 7Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 8Page - Delta Electronics, Inc. S48SA05003NRFC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS_S48SA1R212_05122006
ELECTRICAL CHARACTERISTICS CURVES
50
55
60
65
70
75
80
85
90
123
456789
10 11 12
OUTPUT CURRENT (A)
36Vin
48Vin
75Vin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
12
3456
789 10 11 12
OUTPUT CURRENT (A)
36Vin
48Vin
75Vin
Figure 1:
Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2:
Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V)
Io=10A
Io=6A
Io=1A
Figure 3:
Typical input characteristics at room temperature.
Figure 4:
Turn-on transient at full rated load current (1 ms/div).
Top Trace: Vout (500mV/div); Bottom Trace: ON/OFF Control
(5V/div).
3


Similar Part No. - S48SA05003NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA05006NRFA DELTA-S48SA05006NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA05006NRFA DELTA-S48SA05006NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA05006NRFA DELTA-S48SA05006NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA05003NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com